Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1660-IBE3 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS1660-IBE3
Description  HD/SD SDI Receiver Complete with SMPTE Video Processing
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1660-IBE3 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS1660-IBE3 Datasheet HTML 4Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 5Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 6Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 7Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 8Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 9Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 10Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 11Page - Semtech Corporation GS1660-IBE3 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
GS1660 HD/SD SDI Receiver
Data Sheet
53834 - 2
September 2012
8 of 82
A5, A6, B5,
B6, C5, C6
STAT[0:5]
Output
MULTI-FUNCTIONAL OUTPUT PORT.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Each of the STAT [0:5] pins can be configured individually to output
one of the following signals:
Signal
H/HSYNC
V/VSYNC
F/DE
LOCKED
Y/1ANC
C/2ANC
DATA ERROR
VIDEO ERROR
EDH DETECTED
CARRIER DETECT
RATE_DET
Default
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
A7, D10,
G10, K7
IO_VDD
Input Power
POWER connection for digital I/O. Connect to 3.3V or 1.8V DC
digital.
A8
PCLK
Output
PARALLEL DATA BUS CLOCK
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
HD 10-bit modePCLK @ 148.5 or 148.5/1.001MHz
HD 20-bit modePCLK @ 74.25 or 74.25/1.001MHz
SD 10-bit modePCLK @ 27MHz
SD 20-bit modePCLK @ 13.5MHz
A9, A10, B8,
B9, B10,C8,
C9, C10, E9,
E10
DOUT18, 17, 19,
16, 15, 12, 14, 13,
10, 11
Output
PARALLEL DATA BUS
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
20-bit mode
20bit/10bit = HIGH
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Luma data output for SD and HD data
rates.
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
Not defined
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
10-bit mode
20bit/10bit = LOW
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Multiplexed Luma/Chroma data output
for SD and HD data rates.
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
8b/10b decoded DVB-ASI data
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1660-IBE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
   Ancillary data extraction
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
More results

Similar Description - GS1660-IBE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1662 SEMTECH-GS1662 Datasheet
2Mb / 73P
   HD/SD-SDI Serializer with Complete SMPTE Video Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com