Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2960-IBE3 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS2960-IBE3
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960-IBE3 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS2960-IBE3 Datasheet HTML 4Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 5Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 6Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 7Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 8Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 9Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 10Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 11Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
8 of 97
1. Pin Out
1.1 Pin Assignment
1.2 Pin Descriptions
1
3
2
45
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
PCLK
DVB_ASI
20bit/
10bit
LF
SDO
STANDBY
JTAG/
HOST
RESET
_TRST
A_VDD
CORE
_GND
SDO
VBG
SDI
SDI
BUFF_
VDD
SDO_
EN/DIS
LB_CONT
VCO_
VDD
VCO_
GND
PLL_
VDD
A_GND
A_GND
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
CORE
_GND
CORE
_GND
CORE
_GND
CORE
_VDD
CORE
_VDD
CORE
_VDD
CORE
_VDD
DOUT1
DOUT0
DOUT2
DOUT3
DOUT4
DOUT5
DOUT6
DOUT7
DOUT8
DOUT9
DOUT10 DOUT11
DOUT14 DOUT13
DOUT16 DOUT15
DOUT18 DOUT17
DOUT19
DOUT12
IO_VDD
IO_GND
PLL_
VDD
PLL_
GND
PLL_
VDD
A_GND
A_GND
A_GND
RC_BYP
IO_GND
IO_VDD
SDI_VDD SDI_GND
PLL_
GND
PLL_
GND
TERM
RSV
SDOUT_
TDO
CS_
TMS
SDIN_
TDI
SCLK_
TCK
SMPTE_
BYPASS
IO_GND
IO_VDD
TIM_861
XTAL_
OUT
XTAL2
XTAL1
IO_GND
IO_VDD
RSV
RSV
BUFF_
GND
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
FW_EN
/DIS
CORE
_GND
IOPROC_
EN/DIS
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1
VBG
Analog Input
Band Gap voltage filter connection.
A2
LF
Analog Input
Loop Filter component connection.
A3
LB_CONT
Analog Input
Connection for loop bandwidth control resistor.
A4
VCO_VDD
Input Power
POWER pin for the VCO. Connect to 1.2V±5% analog supply
followed by a RC filter (see 5. Application Reference Design). A
105
Ω 1% resistor must be used in the RC filter circuit. VCO_VDD is
nominally 0.7V.


Similar Part No. - GS2960-IBE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results

Similar Description - GS2960-IBE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com