Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6080-INTE3 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS6080-INTE3
Description  Input signal trace equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6080-INTE3 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS6080-INTE3 Datasheet HTML 2Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 3Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 4Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 5Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 6Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 7Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 8Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 9Page - Semtech Corporation GS6080-INTE3 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
GS6080
Final Data Sheet
Rev.6
PDS-060045
September 2014
6 of 19
Proprietary & Confidential
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.5V to +3.6 VDC
Input ESD Voltage
2.5kV
Storage Temperature Range (Ts)
-50°C to +125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
-40°C to +85°C
Solder Reflow Temperature
260°C
Note: Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation outside of the ranges shown in Table 2-1 is not implied.
Table 2-2: DC Electrical Characteristics
VCC = +3.3V ±5% or +2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
VCC
3.3V Typical
3.135
3.3
3.465
V
2.5V Typical
2.375
2.5
2.625
V
Power Consumption
(+2.5V)
PD
SDO/SDO enabled
135
160
mW
1
SDO/SDO disabled
(Power-Down Mode)
—3
5
mW
1
Power Consumption
(+3.3V)
PD
SDO/SDO enabled
185
222
mW
1
SDO/SDO disabled
(Power-Down Mode)
—4
6
mW
1
Supply Current
(+2.5V)
IS
SDO/SDO enabled
54
61
mA
1
SDO/SDO disabled
(Power-Down Mode)
—1
1.8
mA
1
Supply Current
(+3.3V)
IS
SDO/SDO enabled
56
64
mA
1
SDO/SDO disabled
(Power-Down Mode)
—1
1.8
mA
1


Similar Part No. - GS6080-INTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INE3 SEMTECH-GS6081-INE3 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INTE3 SEMTECH-GS6081-INTE3 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
More results

Similar Description - GS6080-INTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3190 SEMTECH-GX3190 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
List of Unclassifed Man...
E3500 ETC1-E3500 Datasheet
604Kb / 2P
   EXPLOSIVES TRACE DETECTOR
logo
SICK AG
IRS080-X53XXXX SICK-IRS080-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
   Trace Hydrogen Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com