Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R76MN34704030J Datasheet(PDF) 1 Page - Kemet Corporation

Part # R76MN34704030J
Description  Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76MN34704030J Datasheet(HTML) 1 Page - Kemet Corporation

  R76MN34704030J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - be739922-eae2-4843-8304-04f39c543417
KEMET Part Number: R76MN34704030J
Capacitor, film, 0.47 uF, +/-5% Tol, -55/+105C, General Purpose, 400 VDC@85C, Lead Spacing=22.5 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
26.5
+0.3
H
18.5
+0.1
T
10
+0.2
S
22.5
+/-0.4
LL
30
+5/-0
F
0.8
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Double Metallized Polypropylene
Application: General Purpose
Sub Application: AEC-Q200
Style: Radial Box
Lead Form: Wire Leads
RoHS: Yes
Specifications
Capacitance: 0.47 uF
Voltage: 400 VDC
Tolerance: +/-5%
Voltage AC: 250 VAC
Rated Temperature: 85C
Temperature Range: -55/+105C
Dissipation Factor @ 1 kHz: 0.1%
Dissipation Factor @ 10 kHz: 0.06%
Dissipation Factor @ 100kHz: 0.1%
Insulation Resistance: 63.83 GOhm
Inductance: 18
Maximum dVdT: 500 v/us
Miscellaneous:
Voltage Derating: 1.35%/C
above 75C (AC),1.25%/C above
85C (DC)
Packaging Specifications
Package Kind: Bulk
Package Quantity: 300
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R76MN34704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76MN3470XX3XX KEMET-R76MN3470XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
More results

Similar Description - R76MN34704030J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450KD6470JR06L2 KEMET-PHE450KD6470JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=22.5 mm
R75MN36804030J KEMET-R75MN36804030J Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=22.5 mm
PHE450KF6470JR06L2 KEMET-PHE450KF6470JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.47 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MN32204030J KEMET-R76MN32204030J Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=22.5 mm
PHE450KD6220JR06L2 KEMET-PHE450KD6220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.22 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=22.5 mm
R75IN43304040J KEMET-R75IN43304040J Datasheet
56Kb / 1P
   Capacitor, film, 3.3 uF, /-5% Tol, -55/105C, General Purpose, 250 VDC@85C, Lead Spacing=22.5 mm
R75RN31004030J KEMET-R75RN31004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 1250 VDC@85C, Lead Spacing=22.5 mm
R76PN33304030J KEMET-R76PN33304030J Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=22.5 mm
R76PN31004030J KEMET-R76PN31004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=22.5 mm
R76QN31004030J KEMET-R76QN31004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com