Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0552T.TNT Datasheet(PDF) 3 Page - Semtech Corporation

Part # RCLAMP0552T.TNT
Description  Ultra Low Capacitance TVS 2-Line ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0552T.TNT Datasheet(HTML) 3 Page - Semtech Corporation

  RCLAMP0552T.TNT Datasheet HTML 1Page - Semtech Corporation RCLAMP0552T.TNT Datasheet HTML 2Page - Semtech Corporation RCLAMP0552T.TNT Datasheet HTML 3Page - Semtech Corporation RCLAMP0552T.TNT Datasheet HTML 4Page - Semtech Corporation RCLAMP0552T.TNT Datasheet HTML 5Page - Semtech Corporation RCLAMP0552T.TNT Datasheet HTML 6Page - Semtech Corporation RCLAMP0552T.TNT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© 2013 Semtech Corporation
www.semtech.com
PROTECTION PRODUCTS
RClamp0552T
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
TLP Characteristic
Clamping Voltage vs. Peak Pulse Current (tp=8/20us)
ESD Clamping (+8kV Contact per IEC 61000-4-2)
Junction Capacitance vs. Reverse Voltage
ESD Clamping (-8kV Contact per IEC 61000-4-2)
0
5
10
15
20
25
0
1234
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0.00
0.10
0.20
0.30
0.40
0.50
012
345
Reverse Voltage - VR(V)
f = 1 MHz
0
20
40
60
80
100
120
140
160
-10
0
10
20
30
40
50
60
70
80
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth.
Corrected for 50 Ohm, 40dB attenuator.
ESD gun return path connected to ESD
ground plane
-160
-140
-120
-100
-80
-60
-40
-20
0
-10
0
10
20
30
40
50
60
70
80
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth.
Corrected for 50 Ohm, 40dB
attenuator. ESD gun return path
connected to ESD ground plane
0
5
10
15
20
25
30
0
1020304050
TLP Voltage (V)
Transmission Line Pulse Test
(TLP) Settings:
t
p = 100ns, tr = 0.2ns,
I
TLP and VTLP averaging window:
t
1 = 70ns to t2 = 90ns
1
10
100
1000
0.1
1
10
100
1000
Pulse Duration - tp (µs)
DR040412-65
T
A = 25
OC


Similar Part No. - RCLAMP0552T.TNT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0551P SEMTECH-RCLAMP0551P Datasheet
434Kb / 7P
   Ultra-Low Capacitance 1-Line, 5V ESD protection
RClamp0551P.TNT SEMTECH-RClamp0551P.TNT Datasheet
434Kb / 7P
   Ultra-Low Capacitance 1-Line, 5V ESD protection
RClamp0551P.TST SEMTECH-RClamp0551P.TST Datasheet
434Kb / 7P
   Ultra-Low Capacitance 1-Line, 5V ESD protection
RCLAMP0554S SEMTECH-RCLAMP0554S Datasheet
192Kb / 9P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
RCLAMP0554S LEIDITECH-RCLAMP0554S Datasheet
1Mb / 8P
   LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
More results

Similar Description - RCLAMP0552T.TNT

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
   Ultra Low Capacitance 2 line ESD protection
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
Pan Jit International I...
PJE5UFN10A-AU PANJIT-PJE5UFN10A-AU Datasheet
235Kb / 5P
   Ultra Low Capacitance TVS-ESD Protection
logo
SYNC POWER Crop.
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
   Ultra Low Capacitance 2 -Line ESD Protection Array
SPE0582 SYNC-POWER-SPE0582 Datasheet
200Kb / 6P
   Ultra Low Capacitance 2 -Line ESD Protection Array
SPE6V8UN SYNC-POWER-SPE6V8UN Datasheet
229Kb / 5P
   Ultra Low Capacitance 2 -Line ESD Protection Array
logo
Semtech Corporation
RCLAMP3522T SEMTECH-RCLAMP3522T Datasheet
405Kb / 8P
   Ultra-Low Capacitance 2-Line, 3.5V ESD protection
logo
Rectron Semiconductor
TEP0801SLC RECTRON-TEP0801SLC Datasheet
751Kb / 6P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SZMD0502 SECOS-SZMD0502 Datasheet
209Kb / 2P
   Ultra Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com