Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0564P Datasheet(PDF) 5 Page - Semtech Corporation

Part # RCLAMP0564P
Description  Femto Farad RailClamp 4-Line, 170fF ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0564P Datasheet(HTML) 5 Page - Semtech Corporation

  RCLAMP0564P Datasheet HTML 1Page - Semtech Corporation RCLAMP0564P Datasheet HTML 2Page - Semtech Corporation RCLAMP0564P Datasheet HTML 3Page - Semtech Corporation RCLAMP0564P Datasheet HTML 4Page - Semtech Corporation RCLAMP0564P Datasheet HTML 5Page - Semtech Corporation RCLAMP0564P Datasheet HTML 6Page - Semtech Corporation RCLAMP0564P Datasheet HTML 7Page - Semtech Corporation RCLAMP0564P Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RClamp0564P
Final Datasheet
Rev 3.0
July 22, 2015
www.semtech.com
5
Semtech
Applications Information
Assembly Guidelines
Thesmallsizeofthisdevicemeansthatsomecaremust
betakenduringthemountingprocesstoinsurereliable
solderjoints.ThefigureattherightdetailsSemtech’s
recommendedmountingpattern.Recommended
assemblyguidelinesareshowninTable1.Notethat
theseareonlyrecommendationsandshouldserveonly
asastartingpointfordesignsincetherearemanyfactors
thataffecttheassemblyprocess.Exactmanufacturing
parameterswillrequiresomeexperimentationtogetthe
desiredsolderapplication.Semtech’srecommended
mountingpatternisbasedonthefollowingdesign
guidelines:
Land Pattern
TherecommendedlandpatternfollowsIPCstandardsandis
designedformaximumsoldercoverage.Detaileddimensions
areshownelsewhereinthisdocument.
Solder Stencil
Stencildesignisoneofthekeyfactorswhichwilldetermine
thevolumeofsolderpastewhichisdepositedontotheland
pad.Thearearatioofthestencilaperturewilldeterminehow
wellthestencilwillprint.Thearearatiotakesintoaccountthe
apertureshape,aperturesize,andstencilthickness.Anarea
ratioof0.70–0.75ispreferredforthesubjectpackage.The
arearatioofarectangularapertureisgivenas:
AreaRatio=(L*W)/(2*(L+W)*T)
Where:
L=ApertureLength
W=ApertureWidth
T=StencilThickness
Semtechrecommendsastencilthicknessof0.100mmfor
thisdevice.Thestencilshouldbelasercutwithelectro-
polishedfinish.Thestencilshouldhaveapositivetaperof
approximately5degrees.Electropolishingandtapering
thewallsresultsinreducedsurfacefrictionandbetterpaste
release.Forsmallpitchcomponents,Semtechrecommends
asquareaperturewithroundedcornersforconsistentsolder
release.Duetothesmallaperturesize,asolderpastewith
Type4orsmallerparticlesarerecommended.
Recommended Mounting Pattern
All Dimensions are in mm.
Component
Land Pad.
Stencil opening
0.200
0.400
0.025
0.650
0.025
0.200
2.000
0.300
1.000
0.800
Table 1 - Recommended Assembly Guidelines
Assembly Parameter
Recommendation
SolderStencilDesign
LaserCut,Electro-Polished
ApertureShape
Rectangularwithrounded
corners
SolderStencilThickness
0.100mm(0.004”)
SolderPasteType
Type4sizesphereorsmaller
SolderReflowProfile
PerJEDECJ-STD-020
PCBSolderpadDesign
Non-SolderMaskDefined
PCBPadFinish
OSPorNiAu


Similar Part No. - RCLAMP0564P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RClamp0564P.TNT SEMTECH-RClamp0564P.TNT Datasheet
827Kb / 9P
   4-Line, 170fF ESD Protection
RCLAMP0564P SEMTECH-RCLAMP0564P_17 Datasheet
827Kb / 9P
   4-Line, 170fF ESD Protection
More results

Similar Description - RCLAMP0564P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0564P SEMTECH-RCLAMP0564P_17 Datasheet
827Kb / 9P
   4-Line, 170fF ESD Protection
RCLAMP0524PQ SEMTECH-RCLAMP0524PQ Datasheet
585Kb / 10P
   Low Capacitance RailClamp 4-Line Surge and ESD Protection
RCLAMP1821Z SEMTECH-RCLAMP1821Z Datasheet
209Kb / 7P
   Ultra Small RailClamp 1-Line ESD protection
RCLAMP3324P SEMTECH-RCLAMP3324P Datasheet
1Mb / 8P
   Low Capacitance RailClamp 4-Line Surge and ESD Protection
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA Datasheet
268Kb / 8P
   Ultra Small RailClamp 1-Line, 24V ESD Protection
RCLAMP3552TQ SEMTECH-RCLAMP3552TQ Datasheet
373Kb / 9P
   Low Voltage RailClamp® 2-Line ESD Protection
Rev 1.0 10/4/2016
RCLAMP0594P SEMTECH-RCLAMP0594P Datasheet
604Kb / 8P
   Low Capacitance RailClamp® Line Surge and ESD Protection
Rev 2.2 11/30/2020
logo
Infineon Technologies A...
ESD103-B1-02 INFINEON-ESD103-B1-02 Datasheet
649Kb / 14P
   Bi-directional Femto Farad Capacitance TVS Diode
Revision 1.3, 2014-06-12
logo
Semtech Corporation
RCLAMP3655P SEMTECH-RCLAMP3655P Datasheet
226Kb / 10P
   RailClamp??ESD Protection for uUSB Interfaces
RCLAMP7524T SEMTECH-RCLAMP7524T_16 Datasheet
442Kb / 9P
   4-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com