Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP1255P Datasheet(PDF) 9 Page - Semtech Corporation

Part # RCLAMP1255P
Description  Low Capacitance RClamp Surge Protection for uUSB Interfaces
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP1255P Datasheet(HTML) 9 Page - Semtech Corporation

Back Button RCLAMP1255P Datasheet HTML 2Page - Semtech Corporation RCLAMP1255P Datasheet HTML 3Page - Semtech Corporation RCLAMP1255P Datasheet HTML 4Page - Semtech Corporation RCLAMP1255P Datasheet HTML 5Page - Semtech Corporation RCLAMP1255P Datasheet HTML 6Page - Semtech Corporation RCLAMP1255P Datasheet HTML 7Page - Semtech Corporation RCLAMP1255P Datasheet HTML 8Page - Semtech Corporation RCLAMP1255P Datasheet HTML 9Page - Semtech Corporation RCLAMP1255P Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
© 2013 Semtech Corporation
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp1255P
Outline Drawing - SO-8
Marking
Outline Drawing - SLP2018P6
b
bbb
aaa
N
e1
D
DIM
A1
A2
A
0.25
0.15 0.20
0.08
0.10
6
0.80 BSC
MILLIMETERS
MAX
0.05
0.65
DIMENSIONS
MIN
0.00
NOM
0.50
0.03
(0.127)
0.575
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
1.80
E
1.70
1.90
bbb
C A B
e
0.40 BSC
L
0.25 0.30 0.35
PIN 1
INDICATOR
(LASER MARK)
A
B
C
SEATING
PLANE
aaa C
D
E
A2
A1
A
e/2
e
LxN
bxN
e1/2
e1
E/2
D1
E1
R0.20
E1/2
0.70
1.40
D1
0.45
0.84
E1
0.55
0.30
0.69
0.94
D/2
2.00 2.10
1.90
YW = Date Code
PIN 1
INDICATOR
(LASER MARK)
12P
YW


Similar Part No. - RCLAMP1255P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1224S SEMTECH-RCLAMP1224S Datasheet
158Kb / 6P
   Low Capacitance TVS for ADSL Interfaces
More results

Similar Description - RCLAMP1255P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2656P SEMTECH-RCLAMP2656P Datasheet
327Kb / 10P
   Low Capacitance RClamp짰 Surge Protection for uUSB Interfaces
RCLAMP3354S SEMTECH-RCLAMP3354S Datasheet
1Mb / 7P
   Low Voltage RClamp Surge Protection for GbE Interfaces
RCLAMP1644T SEMTECH-RCLAMP1644T Datasheet
262Kb / 9P
   Low Capacitance RClamp짰 ESD Protection for uUSB Interfaces
logo
TECH PUBLIC Electronics...
RCLAMP2656P TECHPUBLIC-RCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
TPRCLAMP2656P TECHPUBLIC-TPRCLAMP2656P Datasheet
1Mb / 5P
   Low Capacitance Surge Protection for USB Interfaces
logo
Semtech Corporation
RCLAMP3655P SEMTECH-RCLAMP3655P Datasheet
226Kb / 10P
   RailClamp??ESD Protection for uUSB Interfaces
RCLAMP2654P SEMTECH-RCLAMP2654P Datasheet
284Kb / 9P
   Low Capacitance RClamp짰 Surge Protection for USB Interfaces
TCLAMP2512N SEMTECH-TCLAMP2512N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
TCLAMP1272S SEMTECH-TCLAMP1272S Datasheet
782Kb / 7P
   Low Capacitance TClamp Surge Protection for xDSL Interfaces
TCLAMP1202P SEMTECH-TCLAMP1202P Datasheet
231Kb / 7P
   Low Capacitance TClamp Surge Protection for 12V Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com