Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC704 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC704
Description  500mA Low Vin, Very Low Ron Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC704 Datasheet(HTML) 4 Page - Semtech Corporation

  SC704 Datasheet HTML 1Page - Semtech Corporation SC704 Datasheet HTML 2Page - Semtech Corporation SC704 Datasheet HTML 3Page - Semtech Corporation SC704 Datasheet HTML 4Page - Semtech Corporation SC704 Datasheet HTML 5Page - Semtech Corporation SC704 Datasheet HTML 6Page - Semtech Corporation SC704 Datasheet HTML 7Page - Semtech Corporation SC704 Datasheet HTML 8Page - Semtech Corporation SC704 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC704/SC705
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
EN Input Pull-Down Resistance
R
EN
5
MΩ
SC704
Turn-on Delay Time
T
DT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
5
µs
V
IN =3.6V, IOUT = 200mA, V
V
EN =.5V
.5
µs
Rising Time
T
RT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
6.7
µs
Falling Time
T
FT
V
IN =.8V, IOUT = 500mA, V
V
EN =.5V
3.7
µs
SC705
Turn-on Delay Time
T
DT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
00
µs
V
IN =3.6V, IOUT = 200mA, V
V
EN =.5V
50
µs
Rising Time
T
RT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
37
µs
Falling Time
T
FT
V
IN =.8V, IOUT = 500mA, V
V
EN =.5V
7.2
µs
Output Pull-Down Resistance
R
PD
V
IN =.8V
220
Electrical Characteristics (continued)
Notes:
() I
Q current includes EN pull-down current.


Similar Part No. - SC704

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SC70 DIODES-SC70 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
   Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
   Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Global Mixed-mode Techn...
SC70-5 GMT-SC70-5 Datasheet
121Kb / 1P
   Package Outline
More results

Similar Description - SC704

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
   2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
   2A Low Vin, Very Low Ron Load Switch
logo
ON Semiconductor
NCP439 ONSEMI-NCP439_16 Datasheet
107Kb / 9P
   2A Very Low Ron Switches at Low Vin Voltage
August, 2016 ??Rev. 1
NCP439 ONSEMI-NCP439 Datasheet
150Kb / 9P
   2A Very Low Ron Switches at Low Vin Voltage
July, 2013 ??Rev. 0
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
   Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
logo
Unisonic Technologies
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
   ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com