Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC724 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC724
Description  2A Low Vin, Very Low Ron Load Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC724 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC724 Datasheet HTML 3Page - Semtech Corporation SC724 Datasheet HTML 4Page - Semtech Corporation SC724 Datasheet HTML 5Page - Semtech Corporation SC724 Datasheet HTML 6Page - Semtech Corporation SC724 Datasheet HTML 7Page - Semtech Corporation SC724 Datasheet HTML 8Page - Semtech Corporation SC724 Datasheet HTML 9Page - Semtech Corporation SC724 Datasheet HTML 10Page - Semtech Corporation SC724 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SC724/SC725
7
Typical Characteristics (SC724), Cont.
1.8V
2.5V
3.6V
1.5V
1.2V
RON@200mA
Temperature (°C)
On Resistance vs. Temperature
Quiescent Current vs. Temperature
Iout=200mA
RON@2A
1.8V
3.6V
1.2V
Temperature (°C)
On Resistance vs. Temperature
Iout=2A
Quiescent Current
3.6V
1.8V
1.1V
Temperature (°C)
Turn-on Delay Time vs. Temperature
Turn-on delay time
3.6V
1.8V
1.1V
Temperature (°C)
Shut Down Current vs. Temperature
Shutdown Current
3.6V
1.8V
1.1V
Temperature (°C)


Similar Part No. - SC724

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
SC72131S SILAN-SC72131S Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
logo
Polyfet RF Devices
SC721 POLYFET-SC721_14 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Semtech Corporation
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
   2A Low Vin, Very Low Ron Load Switch
More results

Similar Description - SC724

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
   2A Low Vin, Very Low Ron Load Switch
SC704 SEMTECH-SC704 Datasheet
1Mb / 14P
   500mA Low Vin, Very Low Ron Load Switch
logo
ON Semiconductor
NCP439 ONSEMI-NCP439_16 Datasheet
107Kb / 9P
   2A Very Low Ron Switches at Low Vin Voltage
August, 2016 ??Rev. 1
NCP439 ONSEMI-NCP439 Datasheet
150Kb / 9P
   2A Very Low Ron Switches at Low Vin Voltage
July, 2013 ??Rev. 0
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
   Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
logo
Unisonic Technologies
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
   ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com