Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFMIR302 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPFMIR302
Description  Plastic Fiber Optic Receiver including Bigfoot??IC for MOST
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPFMIR302 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPFMIR302 Datasheet HTML 1Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 2Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 3Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 4Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 5Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 6Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 7Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 8Page - Infineon Technologies AG SPFMIR302 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Product Information
Infineon AG
CONFIDENTIAL
2-Dec-02
Oasis SiliconSystems AG
Page 5
SPF MIR3 02
Application Circuit:
*1) Place these components as close
as possible to their corresponding
pins of the FOT.
*2) Values can change due to different
light output power of the LED.
*3) This is just a proposal for the Rext
application. There can be used also
other circuits to switch Rext from
15K to 30K.
Design & Layout rules:
• The 100nF bypass capacitors of the FOTs must be located as close as possible between the pins
VCC and GND of the FOTs. Use ceramic caps and tantalum caps with low ESR.
• Also the inductor/ ferrite bead (receiver) and the -3dB - control circuit (transmitter) must be placed
as close as possible to the FOTs. We prefer ferrite beads (e.g. type 74279214 Würth Elektronik)
since the D.C. resistance is very low. In case other inductors are used, the D.C. resistance should
be less than 3Ohm.
• For EMC, a ferrite bead should be connected to the power supply, close to the transmitter and the
receiver. Do not use only one ferrite bead together for receiver and transmitter!


Similar Part No. - SPFMIR302

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
   Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
More results

Similar Description - SPFMIR302

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
   Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1012 AVAGO-AFBR-1012 Datasheet
109Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1153L AVAGO-AFBR-1153L Datasheet
224Kb / 5P
   Fiber Optic Transmitter and Receiver for 150 Mbit/s MOST
AFBR-1150L AVAGO-AFBR-1150L Datasheet
224Kb / 5P
   Fiber Optic Transmitter and Receiver for 150 Mbit/s MOST
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
   Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com