Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFP21-1000-420T-KAB3M Datasheet(PDF) 6 Page - ASM GmbH

Part # PCFP21-1000-420T-KAB3M
Description  Position Sensor Flat Housing with Analog Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP21-1000-420T-KAB3M Datasheet(HTML) 6 Page - ASM GmbH

  PCFP21-1000-420T-KAB3M Datasheet HTML 1Page - ASM GmbH PCFP21-1000-420T-KAB3M Datasheet HTML 2Page - ASM GmbH PCFP21-1000-420T-KAB3M Datasheet HTML 3Page - ASM GmbH PCFP21-1000-420T-KAB3M Datasheet HTML 4Page - ASM GmbH PCFP21-1000-420T-KAB3M Datasheet HTML 5Page - ASM GmbH PCFP21-1000-420T-KAB3M Datasheet HTML 6Page - ASM GmbH PCFP21-1000-420T-KAB3M Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
56
CAT-PC-E-04
ASM GmbH
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
®
Output Specification Pulse Interface
Pulse interface
STSP
(start/stop)
Excitation voltage
+18 ... +27 V DC, residual ripple 10 mVss
Excitation current
150 mA max.
Stability (temperature)
±50 x 10
-6 / °C full scale
Wave velocity
2850 ...2950 m/s
Level INIT and START/STOP
RS 485 / RS 422
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC, interference resistance
EN61326: 1998, Table A1
EMC, emitted interference
EN55011 Group 1 Class A
Signal Diagram
Sensor circuit
Subsequent circuit
The subsequent circuit generates a signal on the INIT line. The position sensor answers
with a START and a STOP signal.
Position value
x = t(x)
· vs
The position value will
be calculated by multi-
plication of the time
interval t(x) with the
conversion factor
specified on the type
label.
Signal wiring /
connection
Pulse interface
Connector pin no.
Cable colour
Excitation +
1
white
Excitation GND
2
brown
INIT +
3
green
INIT –
4
yellow
STSP +
5
grey
STSP –
6
pink
Shield
Contact via connector housing
black
View to sensor
connector
Mating connector
Cable
WS-CONN-D8
CONN-M12-8P-X


Similar Part No. - PCFP21-1000-420T-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-L1-P1A-L02-M8 ASM-SENSOR-PCFP23-100-L1-P1A-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-L1-P1D-L02-M8 ASM-SENSOR-PCFP23-100-L1-P1D-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-L1-PMU-L02-M8 ASM-SENSOR-PCFP23-100-L1-PMU-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23-100-U1-P1A-L02-M8 ASM-SENSOR-PCFP23-100-U1-P1A-L02-M8 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
More results

Similar Description - PCFP21-1000-420T-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
   High accuracy analog output dual axis position sensor
Version 2.0
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
Standex Electronics, In...
S12H-275VPA-RGCB2 STANDEX-S12H-275VPA-RGCB2 Datasheet
475Kb / 3P
   Analog Ferrous Metal Position Sensor
Rev ABA
logo
ASM GmbH
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com