Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP21N10 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP21N10
Description  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP21N10 Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPP21N10 Datasheet HTML 1Page - Infineon Technologies AG SPP21N10 Datasheet HTML 2Page - Infineon Technologies AG SPP21N10 Datasheet HTML 3Page - Infineon Technologies AG SPP21N10 Datasheet HTML 4Page - Infineon Technologies AG SPP21N10 Datasheet HTML 5Page - Infineon Technologies AG SPP21N10 Datasheet HTML 6Page - Infineon Technologies AG SPP21N10 Datasheet HTML 7Page - Infineon Technologies AG SPP21N10 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2002-01-31
Page 7
Preliminary data
SPI21N10
SPP21N10,SPB21N10
13 Typ. avalanche energy
EAS = f (Tj)
par.: ID = 21 A , VDD = 25 V, RGS = 25

25
45
65
85
105
125
145
°C
185
Tj
0
10
20
30
40
50
60
70
80
90
100
110
120
mJ
140
14 Typ. gate charge
VGS = f (QGate)
parameter: ID = 21 A pulsed
0
5
10
15
20
25
30
35
40 nC
50
QGate
0
2
4
6
8
10
12
V
16
SPP21N10
0,8 V
DS max
DS max
V
0,2
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
140
°C
200
Tj
90
92
94
96
98
100
102
104
106
108
110
112
114
V
120
SPP21N10


Similar Part No. - SPP21N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPP21N50C3 ISC-SPP21N50C3 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
More results

Similar Description - SPP21N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com