Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCRP31-1500-420T-KAB3M Datasheet(PDF) 1 Page - ASM GmbH

Part # PCRP31-1500-420T-KAB3M
Description  Rod Profile with Analog Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCRP31-1500-420T-KAB3M Datasheet(HTML) 1 Page - ASM GmbH

  PCRP31-1500-420T-KAB3M Datasheet HTML 1Page - ASM GmbH PCRP31-1500-420T-KAB3M Datasheet HTML 2Page - ASM GmbH PCRP31-1500-420T-KAB3M Datasheet HTML 3Page - ASM GmbH PCRP31-1500-420T-KAB3M Datasheet HTML 4Page - ASM GmbH PCRP31-1500-420T-KAB3M Datasheet HTML 5Page - ASM GmbH PCRP31-1500-420T-KAB3M Datasheet HTML 6Page - ASM GmbH PCRP31-1500-420T-KAB3M Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
42
CAT-PC-E-04
ASM GmbH
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
PCRP31 POSICHRON
® Position Sensor
Rod Profile with Analog Output
POSICHRON
® position sensor in a stainless
steel pressure case
· Protection class IP68
· Compression-proof up to 15 bar
· Measurement range 0 ... 100 to 0 ... 5750 mm
· Absolute position measurement
· No power for the position magnet
· Wear- and maintenance-free
· Cable output
· 0 … 10 V output
· 4 … 20 mA output
PCRP31-BFS...
Order Example: PCRP31 - 2000 - 10V - KAB3M
PCMAG...
Specifications
Outputs
Voltage: 0 ... 10 V, 3 wire
Current: 4 ... 20 mA, 3 wire
Resolution
Essentially infinite
Sampling rate
0.5 ... 2 kHz depending on measurement range
Linearity
±0.1 mm for ranges
£500 mm
±0.02 % f.s. for ranges >500 mm
Housing material
Stainless steel 1.4401
Protection class
IP68, compression-proof up to 15 bar
Operating temperature
-40 ... +85 °C
EMC, immunity to interference
EN61326: 1998, Table A1
EMC, radio frequency emission
EN55011 group 1 class A
Shock
100 g/s ms according to EN60068-2-27
Vibration
15 g, 10 … 2000 Hz according to EN60068-2-6
Connection
Cable output, standard length 3 m
Order Code PCRP31
Model Name
Measurement Range (in mm)
100 / 500 / 1000 / 1500 / 2000 / 2500 / 3000 / 4000 / 5000 / 5750
Other ranges on request
Outputs
10V
= with 0 ... 10 V signal conditioner (3 wire)
420T
= with 4 ... 20 mA signal conditioner (3 wire)
Connection
KAB3M
= Cable output, length 3 m (standard)
PCRP31
Order Code Mounting Set (see accessories page 62)
Order Code Position Magnet (see accessories page 58)


Similar Part No. - PCRP31-1500-420T-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP32-100-L1-P1A-L02 ASM-SENSOR-PCRP32-100-L1-P1A-L02 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP32-100-L1-P1A-L02MM ASM-SENSOR-PCRP32-100-L1-P1A-L02MM Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP32-100-L1-P1A-L10 ASM-SENSOR-PCRP32-100-L1-P1A-L10 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP32-100-L1-P1D-L02 ASM-SENSOR-PCRP32-100-L1-P1D-L02 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
More results

Similar Description - PCRP31-1500-420T-KAB3M

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCST25 ASM-SENSOR-PCST25 Datasheet
3Mb / 19P
   Rod-Style Design with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com