Electronic Components Datasheet Search |
|
PCQA21-1000-420T-KAB3M Datasheet(PDF) 3 Page - ASM GmbH |
|
PCQA21-1000-420T-KAB3M Datasheet(HTML) 3 Page - ASM GmbH |
3 / 7 page 8 CAT-PC-E-04 ASM GmbH Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com POSICHRON ® position sensor in quad profile · Protection Class IP67 · Measurement range 0 ... 100 to 0 ... 5750 mm · Absolute position measurement · Easy mounting with mounting brackets · No power for the position magnet · Wear- and maintenance-free · Synchronous serial output (SSI) Specifications Output Synchronous serial (SSI) Resolution Typ. 2 µm Sampling rate 0.5 … 2 kHz depending on measurement range Linearity ±0.1 mm for ranges £ 500 mm ±0.02 % f.s. for ranges >500 mm Casing material AlMgSi1 Protection class IP67 (connector version: with mating connector) Operating temperature -40 ... +85 °C EMC, immunity to interference EN61326: 1998, Table A1 EMC, radio frequency emission EN55011 Group 1 class A Shock 100 g/6 ms according to EN60068-2-27 Vibration 15 g, 10 … 2000 Hz according to EN90068-2-6 Connection Male socket 8 pin DIN 45326/cable 3 m (standard) Order Code PCQA21 Model Name Measurement Range (in mm) 100 / 500 / 1000 / 1500 / 2000 / 2500 / 3000 / 4000 / 5000 / 5750 Other ranges on request Output SSI = with SSI output (synchronous serial) Connection D8 = Connector 8 pin DIN 45326 KAB3M = Cable output, length 3 m (standard) PCQA21 Order Example: PCQA21 - 1500 - SSI - D8 Order Code Mating Connector (see accessories page 63) WS-CONN-D8 Order Code Position Magnet (accessories page 58) Order Code Mounting Set (see accessories page 60) PCQA-BFS1 PCMAG... PCQA21 POSICHRON ® Position Sensor Quad Profile Housing with SSI Output |
Similar Part No. - PCQA21-1000-420T-KAB3M |
|
Similar Description - PCQA21-1000-420T-KAB3M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |