Electronic Components Datasheet Search |
|
PCQA22-100-U2-P1D-L10 Datasheet(PDF) 9 Page - ASM GmbH |
|
PCQA22-100-U2-P1D-L10 Datasheet(HTML) 9 Page - ASM GmbH |
9 / 16 page I1 U1, U2, U8 POSICHRON® Output Specification U2, U8 and I1 Configurable, 1 or 2 channels U1, U2, U8 Voltage output Excitation voltage U1: 18 ... 36 V DC; U2: 18 ... 36 V DC; U8: 10 ... 36 V Excitation current Typ. 35 mA, 80 mA max. Output voltage U1: 0 ... 10 V DC; U2: 0.5 ... 10 V DC; U8: 0.5 ... 4.5 V DC Output current 2 mA max. Output load > 5 kΩ Resolution 16 bit f.s., min. 10 µm Stability (temperature) ±50 x 10-6 / °C f.s. Protection Reverse polarity, short circuit Output noise 0.5 mV RMS Operating temperature -40 ... +85 °C EMC EN 61326-1:2013 Excitation + Excitation GND Signal 1 + Signal GND Signal diagram Excitation + Excitation GND Signal 1 + Signal GND I1 Current output (3 wire) Excitation voltage 18 ... 36 V DC (10 ... 36 V for R L≤250Ω) Excitation current Typ. 60 mA, 80 mA max. Load resistor 350 Ω max. Output current 4 ... 20 mA, 30 mA max (at failure) Resolution 16 bit f.s., min. 10 µm Stability (temperature) ±50 x 10-6 / °C f.s. Protection Reverse polarity, short circuit Output noise 0.5 mV RMS Operating temperature -40 ... +85 °C EMC EN 61326-1:2013 SPAN/ZERO (PMU, as option) Signal 2 + (as option) SPAN/ZERO (PMU, as option) Signal 2 + (as option) Signal diagram Signal diagram DB-PCQA22-E-2015-05 www.asm-sensor.com 9/16 © ASM GmbH info@asm-sensor.com |
Similar Part No. - PCQA22-100-U2-P1D-L10 |
|
Similar Description - PCQA22-100-U2-P1D-L10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |