Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP80N03S2-03 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPP80N03S2-03
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP80N03S2-03 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SPP80N03S2-03 Datasheet HTML 1Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 2Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 3Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 4Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 5Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 6Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 7Page - Infineon Technologies AG SPP80N03S2-03 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2003-05-09
Page 6
SPI80N03S2-03
SPP80N03S2-03,SPB80N03S2-03
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 80 A, VGS = 10 V
-60
-20
20
60
100
140
°C
200
Tj
0
1
2
3
4
5
6
7
m
8.5
SPP80N03S2-03
typ
98%
10 Typ. gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS
-60
-20
20
60
100
°C
180
Tj
0
0.5
1
1.5
2
2.5
3
V
4
250 µA
1.25 mA
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
5
10
15
20
V
30
VDS
2
10
3
10
4
10
5
10
pF
Ciss
Coss
Crss
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj , tp = 80 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
0
10
1
10
2
10
3
10
A
SPP80N03S2-03
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)


Similar Part No. - SPP80N03S2-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP80N03S2L-03 INFINEON-SPP80N03S2L-03 Datasheet
415Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPP80N03S2L-04 INFINEON-SPP80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
SPP80N03S2L-04 VBSEMI-SPP80N03S2L-04 Datasheet
962Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
SPP80N03S2L-05 INFINEON-SPP80N03S2L-05 Datasheet
413Kb / 8P
   OptiMOS Power-Transistor
2003-04-24
logo
VBsemi Electronics Co.,...
SPP80N03S2L-05 VBSEMI-SPP80N03S2L-05 Datasheet
963Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPP80N03S2-03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com