Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFP23-1500-U2-PMU-L02-M8 Datasheet(PDF) 4 Page - ASM GmbH

Part # PCFP23-1500-U2-PMU-L02-M8
Description  Flat Profile Housing with Analog Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP23-1500-U2-PMU-L02-M8 Datasheet(HTML) 4 Page - ASM GmbH

  PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 1Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 2Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 3Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 4Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 5Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 6Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 7Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 8Page - ASM GmbH PCFP23-1500-U2-PMU-L02-M8 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PCMAG ...
PCFP23-BFS1
KAB-...M-M12/5F/G-M12/5M/G - CAN
PCFP23
POSICHRON® position sensor with only
12 mm height and 43 mm width
• Protection class IP64
• Measurement range 0 ... 100 to 0 ... 5750 mm
• Absolute position measurement
• Ultra flat profile housing: only 12 mm high
• Easy installation with mounting brackets
• Contactless
• Absolutely wear free and maintenance-free
• CANopen bus or
CAN SAE J1939 output
• Redundant version:
combination of 2 sensors side by side
Specifications
Output
CANopen bus; CAN SAE J1939
Resolution
50 µm
Sampling rate
Up to 1 kHz, depending on the measurement range
Linearity
Ranges >500 mm: L10 = ±0.10 % f.s.
L02 = ±0.02 % f.s.
Ranges ≤500 mm: L10 = ±0.5 mm
L02MM = ±0.2 mm
Repeatability
±3 µm
Housing material
AlMgSi1 / Zn / V4A
Protection class
IP64
Shock
EN 60068-2-27:2010, 50 g 11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Connection
Cable 0,3 m with 5-pin connector M12
EMC, temperature
Refer to output specification
POSICHRON®
PCFP23
Flat Profile Housing with CAN Output
Order code bus cable (see page 14)
Order code position magnet (see page 7)
Order code mounting set (see page 7)
Order example: PCFP23 - 1000 - CANOP - L10 - KAB0,3M-M12/CAN
Order Code PCFP23
Model name
Measurement range (in mm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Output
CANOP
= CANopen bus
CANOP/R = CANopen-Bus with integrated terminating resistance
CANJ1939 = CAN SAE J1939
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
KAB0,3M-M12/CAN = Cable (length 0.3 m) with 5-pin M12 connector
DB-PCFP23-E-2013-11
www.asm-sensor.com
4/14
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCFP23-1500-U2-PMU-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-10V-KAB3M ASM-SENSOR-PCFP21-100-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-420T-KAB3M ASM-SENSOR-PCFP21-100-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-10V-KAB3M ASM-SENSOR-PCFP21-1000-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-420T-KAB3M ASM-SENSOR-PCFP21-1000-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results

Similar Description - PCFP23-1500-U2-PMU-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com