Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCRP21-100-L1-P1D-L10 Datasheet(PDF) 9 Page - ASM GmbH

Part # PCRP21-100-L1-P1D-L10
Description  Round Profile Housing with Analog Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCRP21-100-L1-P1D-L10 Datasheet(HTML) 9 Page - ASM GmbH

Back Button PCRP21-100-L1-P1D-L10 Datasheet HTML 5Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 6Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 7Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 8Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 9Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 10Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 11Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 12Page - ASM GmbH PCRP21-100-L1-P1D-L10 Datasheet HTML 13Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
POSICHRON®
Output Specification U2, U8 and I1
Configurable, 1 or 2 channels
Signal
Plug connection
Cable connection
View to the
sensor connector
Excitation +
1
white
Excitation GND
2
brown
Signal 1 +
3
green
Signal GND
4
yellow
Signal 2 + (optional*)
5
grey
SPAN/ZERO (PMU** only, optional)
6
pink
Connector M12, 8-pin
Signal wiring
* When using multiple magnets the distance between two magnets must be min. 70 mm to identify the
single magnets definitely.
** Description page 10
Signal
Plug connection
View to the
sensor connector
Excitation +
1
Signal 1 +
2
GND
3
Signal 2 + (optional*)
4
PMU** (optional)
5
Connector M12, 5-pin
Signal wiring
* When using multiple magnets the distance between two magnets must be min. 70 mm to identify the
single magnets definitely.
** Description page 10
Signal
Plug connection
View to the
sensor connector
Excitation +
1
Excitation GND
2
Signal +
3
PMU** (optional)
4
Connector M8, 4-pin
Signal wiring
* When using multiple magnets the distance between two magnets must be min. 70 mm to identify the
single magnets definitely.
** Description page 10
DB-PCRP21-E-2013-11
www.asm-sensor.com
9/15
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCRP21-100-L1-P1D-L10

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PCRP-44-G12-12-C-R1-M-T18 FESTO-PCRP-44-G12-12-C-R1-M-T18 Datasheet
89Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G12-12-E-R1-M-T18 FESTO-PCRP-44-G12-12-E-R1-M-T18 Datasheet
89Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G12-12-E-R1-M-T19 FESTO-PCRP-44-G12-12-E-R1-M-T19 Datasheet
89Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G14-12-C-R1-M-T18 FESTO-PCRP-44-G14-12-C-R1-M-T18 Datasheet
87Kb / 2P
   Compressed air filter regulator
2/27/22
PCRP-44-G14-12-E-R1-M-T18 FESTO-PCRP-44-G14-12-E-R1-M-T18 Datasheet
87Kb / 2P
   Compressed air filter regulator
2/27/22
More results

Similar Description - PCRP21-100-L1-P1D-L10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com