Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRAS2EX-345-L1-CCW-M12A5 Datasheet(PDF) 2 Page - ASM GmbH

Part # PRAS2EX-345-L1-CCW-M12A5
Description  Magnetic Angle Sensor with Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2EX-345-L1-CCW-M12A5 Datasheet(HTML) 2 Page - ASM GmbH

  PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 1Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 2Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 3Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 4Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 5Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 6Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 7Page - ASM GmbH PRAS2EX-345-L1-CCW-M12A5 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
33 [1.299]
36 [1.417]
4
2 [
1.6
54
]
Stecker M12
Markierung
Anschluß für
Potentialausgleich
Befestigung PRPT-BFS1
Positions-
magnet
30 [1.181]
Meßfläche
33 [1.299]
33 [1.299]
36 [1.417]
4
2 [1
.65
4]
Markierung
Anschluß für
Potentialausgleich
Befestigung PRPT-BFS1
Positions-
magnet
Stecker M12
33 [1.299]
ASM
CAT-PR/PT-E-11
25
www.asm-sensor.com
POSIROT®
PRAS2EX-Dust-Ex-proof
Dimensions
Outlinedrawing
sensorM12axial
Weight approx. 110 g.
Dimensions informative only.
For guaranteed dimensions please
consult factory.
Outlinedrawing
sensorM12radial
Earthing
Marking
Connector M12
Position
magnet
Measurement area
Mounting clamps PRPT-BFS1
Dimensions in mm [inch]
Dimensions in mm [inch]
Mounting clamp PRPT-BFS1
Connector M12
Earthing
Marking
Weight approx. 140 g.
Dimensions informative only.
For guaranteed dimensions please
consult factory.


Similar Part No. - PRAS2EX-345-L1-CCW-M12A5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS2 ASM-SENSOR-PRAS2 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS20 ASM-SENSOR-PRAS20 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS21 ASM-SENSOR-PRAS21 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS26-15-L1B-CCW ASM-SENSOR-PRAS26-15-L1B-CCW Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS2EX-345-L1-CCW-M12A5

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com