Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB10ZG-750-U2-A-BAB1 Datasheet(PDF) 3 Page - ASM GmbH

Part # WB10ZG-750-U2-A-BAB1
Description  Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB10ZG-750-U2-A-BAB1 Datasheet(HTML) 3 Page - ASM GmbH

  WB10ZG-750-U2-A-BAB1 Datasheet HTML 1Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 2Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 3Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 4Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 5Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 6Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 7Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 8Page - ASM GmbH WB10ZG-750-U2-A-BAB1 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
WB10ZG
BAB1
DB-WB10ZG-E-2013-11
3/16
© ASM GmbH
www.asm-sensor.com
POSITAPE®
WB10ZG
Digital Output SSI
Specifications
Outputs
Synchronous serial interface (SSI)
Resolution
up to 10 µm
Linearity
±0.10 % f. s. (standard); optional ±0.05 %
Sensing device
Magnetic absolute encoder
Material
Zinc diecast, aluminium and plastic
Tape: stainless steel, 10 mm wide, 0.08 mm thick
Protection class
IP65 (with mating connector only)
Connection
Connector M12, 8 pin
Shock
EN 60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Temperature range
-20 ... +85 °C
Order example: WB10ZG - 2000 - 100 - MSSI - L10 - M12A8 - BAB1
Order code connector cable see page 14
Order code WB10ZG
Model name
Measurement range (in mm)
1000 / 2000
Resolution (in µm)
10 / 50 / 100
Outputs
MSSI
= SSI synchronous serial interface
Linearity
L10
= ±0.10% (standard)
L05
= ±0.05% (optional)
Connection
M12A8
= Connector M12, 8 pin
Dust wiper
BAB1
Position sensor with measuring tape
Measurement range up to 2000 mm
Protection class IP65
Stainless steel measuring tape
Digital output SSI


Similar Part No. - WB10ZG-750-U2-A-BAB1

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WB100FC120AL WEEN-WB100FC120AL Datasheet
252Kb / 7P
   Hyperfast power diode - Bare die
logo
ASM GmbH
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-L1-A-BAB1 ASM-SENSOR-WB100M-10000-L1-A-BAB1 Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-L1-D-BAB1 ASM-SENSOR-WB100M-10000-L1-D-BAB1 Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-U2-A-BAB1 ASM-SENSOR-WB100M-10000-U2-A-BAB1 Datasheet
1Mb / 16P
   Analog Output
More results

Similar Description - WB10ZG-750-U2-A-BAB1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
   Analog Output
WB21 ASM-SENSOR-WB21 Datasheet
1Mb / 21P
   Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
   Analog Output
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
   Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
   Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
   Analog Output Module
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com