Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2HX103Z3 Datasheet(PDF) 5 Page - Semtech Corporation

Part # S2HX103Z3
Description  High Voltage Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S2HX103Z3 Datasheet(HTML) 5 Page - Semtech Corporation

  S2HX103Z3 Datasheet HTML 1Page - Semtech Corporation S2HX103Z3 Datasheet HTML 2Page - Semtech Corporation S2HX103Z3 Datasheet HTML 3Page - Semtech Corporation S2HX103Z3 Datasheet HTML 4Page - Semtech Corporation S2HX103Z3 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
 2008 Semtech Corp.
www.semtech.com
POWER DISCRETES
180pF THRU .39µF
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing - Chip
s
n
o
i
s
n
e
m
i
D
e
z
i
S
e
d
o
C
)
m
o
N
(
L
)
m
m
(
.
n
I
)
m
o
N
(
W
)
m
m
(
.
n
I
)
x
a
M
(
T
)
m
m
(
.
n
I
)
x
a
M
(
B
M
)
m
m
(
.
n
I
20
7
2
.
)
0
9
.
6
(
0
5
2
.
)
0
4
.
6
(
0
5
2
.
)
0
4
.
6
(
0
4
0
.
)
0
1
.
1
(
30
7
3
.
)
0
4
.
9
(
0
5
3
.
)
0
9
.
8
(
0
5
2
.
)
0
4
.
6
(
0
4
0
.
)
0
1
.
1
(
40
7
4
.
0
.
2
1
(
0
5
4
.
)
5
.
1
1
(
0
0
3
.
)
0
6
.
7
(
0
4
0
.
)
0
1
.
1
(
50
7
5
.
)
5
.
4
1
(
0
5
5
.
)
0
.
4
1
(
0
0
3
.
)
0
6
.
7
(
0
4
0
.
)
0
1
.
1
(
60
7
6
.
)
0
.
7
1
(
0
5
6
.
)
6
.
6
1
(
0
0
3
.
)
0
6
.
7
(
0
4
0
.
)
0
1
.
1
(
e
z
i
S
"
S
"
r
o
f
s
n
o
i
s
n
e
m
i
D
)
1
(
e
z
i
S
e
d
o
C
)
m
o
N
(
L
)
m
m
(
.
n
I
)
m
o
N
(
W
)
m
m
(
.
n
I
)
x
a
M
(
T
)
m
m
(
.
n
I
)
x
a
M
(
B
M
)
m
m
(
.
n
I
2
S5
2
.
)
5
3
.
6
(
2
.
)
8
0
.
5
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
3
S6
3
.
)
4
1
.
9
(
1
3
.
)
7
8
.
7
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
4
S5
4
.
)
3
4
.
1
1
(
4
.
)
6
1
.
0
1
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
5
S6
5
.
)
2
2
.
4
1
(
2
5
.
)
2
.
3
1
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
6
S6
6
.
)
6
7
.
6
1
(
2
6
.
)
4
7
.
5
1
(
5
2
.
)
5
3
.
6
(
3
0
.
)
6
7
.
0
(
Note:
1. When ordering “S” size package type please
see Dimension Table “S”.


Similar Part No. - S2HX103Z3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
S2H MURATA-S2H Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
Semtech Corporation
S2HVM10 SEMTECH-S2HVM10 Datasheet
81Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
S2HVM12.5 SEMTECH-S2HVM12.5 Datasheet
81Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
S2HVM15 SEMTECH-S2HVM15 Datasheet
81Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
S2HVM2.5 SEMTECH-S2HVM2.5 Datasheet
81Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
More results

Similar Description - S2HX103Z3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
List of Unclassifed Man...
MCCA000634 ETC1-MCCA000634 Datasheet
392Kb / 12P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com