Electronic Components Datasheet Search |
|
WB85-5000-L1-A-BAB1 Datasheet(PDF) 5 Page - ASM GmbH |
|
WB85-5000-L1-A-BAB1 Datasheet(HTML) 5 Page - ASM GmbH |
5 / 17 page WB85 BAB1 DB-WB85-E-2013-11 5/17 © ASM GmbH www.asm-sensor.com POSITAPE® WB85 DigitaloutputCANopen Specifications Output CANopen or CAN SAE J1939 Resolution setting via CAN Bus Linearity ±0.10 % f.s.; optional ±0.05 % Sensing device Magnetic absolute encoder Material Plastic and stainless steel; Tape: stainless steel, 10 mm wide, 0.08 mm thick Protection class IP67/IP69K (with mating connector) Connection Connector M12, 5 pin Shock EN 60068-2-27:2010, 100 g/11 ms, 100 shocks Vibration EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles EMC, temperature Refer to output specification Positionsensorwithmeasuringtape • Measurementrangeupto6000mm • ProtectionclassIP67/IP69K • Stainlesssteelmeasuringtape • DigitaloutputCANopenor CANSAEJ1939 • OptionalredundantCANBus(ondemand) BestellcodeWB85 Modelname Measurementrange(inmm) 6000 Output MCANOP = CANopen MCANJ1939= CAN SAE J1939 Linearity L10 = 0.10% L05 = 0.05% (optional) Connection M12/CAN = Connector M12, 5 pin Dustwiper BAB1 Orderexample:WB85-6000-MCANOP-L10-M12/CAN-BAB1 Ordercodeconnectorcableseepage16 |
Similar Part No. - WB85-5000-L1-A-BAB1 |
|
Similar Description - WB85-5000-L1-A-BAB1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |