Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS31 Datasheet(PDF) 4 Page - ASM GmbH

Part # WS31
Description  Compact OEM sensors for large order volumes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31 Datasheet(HTML) 4 Page - ASM GmbH

  WS31 Datasheet HTML 1Page - ASM GmbH WS31 Datasheet HTML 2Page - ASM GmbH WS31 Datasheet HTML 3Page - ASM GmbH WS31 Datasheet HTML 4Page - ASM GmbH WS31 Datasheet HTML 5Page - ASM GmbH WS31 Datasheet HTML 6Page - ASM GmbH WS31 Datasheet HTML 7Page - ASM GmbH WS31 Datasheet HTML 8Page - ASM GmbH WS31 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
POSIWIRE®
WS31
Analog output
DB-WS31-E-2015-06
1.0.0 | © ASM GmbH
4/15
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Analog output
Compact OEM sensors for large order
volumes
Measurement range up to 750 mm
Protection class IP50
Mounting selectable between mounting
brackets or spacer nuts
Analog output
Specifications
Output
R1K
= Potentiometer 1 KΩ
Resolution
Analog: quasi infinite
Linearity
±0.35% f.s., other values on request
Sensing device
Precision potentiometer
Housing material
Plastic, aluminium
measuring cable: stainless steel
Protection class
IP50
Connection
Potentiometer (soldering eye)
Temperature range
-15 ... +60 °C, max. 85 % RH, non condensing
Weight
Approx. 95 g
Pull-out force
250 mm:
1.5 N
500 mm:
1.7 N
750 mm:
1.2 N
EMC
EN 61326-1:2013


Similar Part No. - WS31

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3110 WINSEMI-WS3110 Datasheet
262Kb / 8P
   WS3110 High Performance LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
WS3130S8P WINSEMI-WS3130S8P Datasheet
1Mb / 8P
   High Performance LED Driver
logo
ASM GmbH
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
More results

Similar Description - WS31

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
   OEM Pressure Sensors
logo
List of Unclassifed Man...
LG16 ETC2-LG16 Datasheet
593Kb / 8P
   Compact Liquid Flow Meter for OEM Applications
CMD-HHCP-315 ETC2-CMD-HHCP-315 Datasheet
144Kb / 5P
   OEM COMPACT HANDHELD TRANSMITTER
logo
Linx Technologies
CMD-HHCP-FFF LINX-CMD-HHCP-FFF Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
logo
Sensortechnics GmbH
KMA-B010GUYLN SENSORTECHNICS-KMA-B010GUYLN Datasheet
59Kb / 3P
   Amplified OEM pressure sensors
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
   OEM submersible level sensors
logo
Hamamatsu Corporation
C9407MA HAMAMATSU-C9407MA Datasheet
219Kb / 5P
   Compact and low cost, OEM model (C9409MA)
logo
Inchange Semiconductor ...
2SD476N ISC-2SD476N Datasheet
176Kb / 1P
   OEM
logo
List of Unclassifed Man...
SDUFD2AD-512 ETC2-SDUFD2AD-512 Datasheet
1,005Kb / 2P
   USB Flash Drives for OEM
SDUFD2AA-256 ETC2-SDUFD2AA-256 Datasheet
1,005Kb / 2P
   USB Flash Drives for OEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com