Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS19KT-15000-HDEV-L01-M4 Datasheet(PDF) 7 Page - ASM GmbH

Part # WS19KT-15000-HDEV-L01-M4
Description  Absolute Encoder Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS19KT-15000-HDEV-L01-M4 Datasheet(HTML) 7 Page - ASM GmbH

Back Button WS19KT-15000-HDEV-L01-M4 Datasheet HTML 3Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 4Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 5Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 6Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 7Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 8Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 9Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 10Page - ASM GmbH WS19KT-15000-HDEV-L01-M4 Datasheet HTML 11Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CONN-CONIN-12F
LD5VC
PP24VC
ASM GmbH
CAT-WS-E-09
65
www.asm-sensor.com
POSIWIRE®
LD5VC and PP24VC
Incremental Output
Signal conditioner
PP24VC
Incremental
Interface
Push-pull line driver (24 V-HTL)
Excitation voltage
10 ... 30 V DC
Excitation current
150 mA max. w/o load
Output frequency
300 kHz max.
Output current
100 mA per channel
Signal level
Ud High at Id=20 mA, Ub=24 V
≥21V
Ud Low at Id=20 mA, Ub=24 V
≤2.8 V
Transition time positive edge
<200 ns
Transition time negative edge
<200 ns
Stability (temperature)
±20 x 10-6 / °C f.s. (sensor mechanism)
Operating temperature
-20 ... +85 °C
Protection
Reverse polarity, short circuit, overvoltage
EMC
According to EN 61326:2006
Signal conditioner
LD5VC
Incremental
Interface
Line driver RS422
Excitation voltage
5 V DC ±10 %
Excitation current
150 mA max. w/o load
Output frequency
300 kHz max.
Output current
20 mA per channel
Signal level
Ud High at Id=20 mA
≥2.5V
Ud Low at Id=20 mA
≤0.5 V
Transition time positive edge
<100 ns
Transition time negative edge
<100 ns
Stability (temperature)
±20 x 10-6 / °C f.s. (sensor mechanism)
Operation temperature
-20 ... +85 °C
Protection
Short circuit, overvoltage
EMC
According to EN 61326:2006
Signal A
Signal B
Signal Z
Output signals
Signal wiring /
connection
Signal name
CONN-CONIN-12F, connector pin no.
Excitation +
12
Excitation GND (0 V)
10
Signal A
5
Signal A
6
Signal B (A + 90°)
8
Signal B
1
Signal Z (reference pulse)
3
Signal Z
4
Fault detection signal Uas
7
Shield
Housing
View to sensor
connector


Similar Part No. - WS19KT-15000-HDEV-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS19KT-15000-HDEV-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com