Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS19KT-2000-HCAN-L01-M4 Datasheet(PDF) 8 Page - ASM GmbH

Part # WS19KT-2000-HCAN-L01-M4
Description  Absolute Encoder Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS19KT-2000-HCAN-L01-M4 Datasheet(HTML) 8 Page - ASM GmbH

Back Button WS19KT-2000-HCAN-L01-M4 Datasheet HTML 4Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 5Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 6Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 7Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 8Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 9Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 10Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 11Page - ASM GmbH WS19KT-2000-HCAN-L01-M4 Datasheet HTML 12Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CONN-CONIN-12F
ASM GmbH
CAT-WS-E-09
67
www.asm-sensor.com
POSIWIRE®
HSSI
Absolute SSI Encoder
Signal conditioner
HSSI
Absolute encoder
synchronous serial
Excitation voltage
10 ... 30 V DC
Excitation current
100 mA
Interface
Standard SSI
Lines / drivers
Clock and data / RS422
Code
Gray
Resolution
12 + 12 Bit
3 dB cutoff frequency
500 kHz
Control input
Direction
Preset key
Zero adjustment with optical response
Alarm output
Alarm bit (SSI option), warning bit
Status LED
Green = OK, red = alarm
Connection
12 pin male socket
Data format
Resolution
Clock
T1
T2
T3 ... T12
T13 ... T21
T22
T23
T24
T25
T26
Data bits
24 bit
M11 M10 M9 ... M0
S11 ... S3
S2
S1
S0
0
Mx = multiturn bits, Sx = singleturn bits
Transmission rate
Cable length
Baud rate
< 50 m
< 400 kHz
< 100 m
< 300 kHz
< 200 m
< 200 kHz
< 400 m
< 100 kHz
Note:
Extension of the cable length will reduce
the maximum transmission rate.
Signal wiring
Signal name
Color
Connector pin no.
Excitation +
White
8
Excitation GND (0 V)
Brown
1
CLOCK
Yellow
3
CLOCK
Green
11
DATA
Pink
2
DATA
Gray
10
Direction *
Blue
5
0 V Signal output
Black
12
* Excitation + = cw increasing code, 0 V = cw decreasing code
View to sensor
connector
Connection


Similar Part No. - WS19KT-2000-HCAN-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
More results

Similar Description - WS19KT-2000-HCAN-L01-M4

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
logo
CUI INC
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
   absolute encoder
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
   absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
   absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
   absolute encoder
logo
Pepperl+Fuchs Inc.
DVM58N-011AGR0BY-1213 PF-DVM58N-011AGR0BY-1213 Datasheet
301Kb / 4P
   Multiturn absolute encoder
PVM78E PF-PVM78E Datasheet
604Kb / 6P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com