Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB61-3500-L1-D-BAB1 Datasheet(PDF) 4 Page - ASM GmbH

Part # WB61-3500-L1-D-BAB1
Description  Analog Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB61-3500-L1-D-BAB1 Datasheet(HTML) 4 Page - ASM GmbH

  WB61-3500-L1-D-BAB1 Datasheet HTML 1Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 2Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 3Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 4Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 5Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 6Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 7Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 8Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
WB61
BAB1
DB-WB61-E-2013-11
4/17
© ASM GmbH
www.asm-sensor.com
Specifications
Output
Synchronous serial interface (SSI)
Resolution
0.05 mm
Linearity
±0.10 % f.s; optional ±0.05 %
Sensing device
Magnetic absolute encoder
Material
Plastic and stainless steel;
Tape: stainless steel, 10 mm wide, 0.08 mm thick
Protection class
IP67/IP69K, with mating connector
Connection
Connector M12, 8 pin
Shock
EN 60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
EMC, temperature
Refer to output specification
Positionsensorwithmeasuringtape
Measurementrangeupto4000mm
ProtectionclassIP67/IP69K
Stainlesssteelmeasuringtape
DigitaloutputSSI
POSITAPE®
WB61
DigitaloutputSSI
Orderexample:WB61-4000-50-MSSI-L10-M12R8-BAB1
OrdercodeWB61




Modelname
Measurementrange(inmm)
4000
Resolution(inµm)
50 (other resolutions on demand)
Output
MSSI
= SSI synchronous serial interface
Linearity
L10
= ±0.10% (standard)
L05
= ±0.05% (optional)
Connection
M12R8 = Connector M12, 8 pin
Dustwiper
BAB1
Ordercodeconnectorcableseepage15


Similar Part No. - WB61-3500-L1-D-BAB1

ManufacturerPart #DatasheetDescription
logo
Lumberg
WB61 LUMBERG-WB61 Datasheet
558Kb / 3P
   DIN circular connectors
More results

Similar Description - WB61-3500-L1-D-BAB1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB21 ASM-SENSOR-WB21 Datasheet
1Mb / 21P
   Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
   Analog Output
WB10ZG ASM-SENSOR-WB10ZG Datasheet
1Mb / 16P
   Analog Output
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
   Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
   Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
   Analog Output Module
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com