Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP1211Z Datasheet(PDF) 1 Page - Semtech Corporation

Part # UCLAMP1211Z
Description  Ultra Small UClamp 1-Line ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP1211Z Datasheet(HTML) 1 Page - Semtech Corporation

  UCLAMP1211Z Datasheet HTML 1Page - Semtech Corporation UCLAMP1211Z Datasheet HTML 2Page - Semtech Corporation UCLAMP1211Z Datasheet HTML 3Page - Semtech Corporation UCLAMP1211Z Datasheet HTML 4Page - Semtech Corporation UCLAMP1211Z Datasheet HTML 5Page - Semtech Corporation UCLAMP1211Z Datasheet HTML 6Page - Semtech Corporation UCLAMP1211Z Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS - Z-PakTM
uClamp1211Z
Ultra Small μClamp®
1-Line ESD Protection
Description
Features
Nominal Dimensions
Schematic
Revision 03/7/2013
Applications
Mechanical Characteristics
Cellular Handsets & Accessories
Portable Instrumentation
12V Power Protection
Tablet PC
μClamp® TVS diodes are designed to protect sensitive
electronics from damage or latch-up due to ESD. They
are designed to replace 0201 size multilayer varistors
(MLVs) in portable applications such as cell phones, note-
book computers, and other portable electronics. They
features large cross-sectional area junctions for conduct-
ing high transient currents. These devices offer desir-
able characteristics for board level protection including
fast response time, low operating and clamping voltage,
and no device degradation.
The μClamp®1211Z is in a 2-pin SLP0603P2X3 pack-
age. It measures 0.6 x 0.3 mm with a nominal height
of only 0.25mm. The leads are finished with lead-free
NiPdAu. Each device will protect one line operating at
12 volts. It gives the designer the flexibility to protect
single lines in applications where arrays are not practi-
cal. The combination of small size and high ESD surge
capability makes them ideal for use in portable applica-
tions such as cellular phones, digital cameras, and
tablet PC’s.
High ESD withstand Voltage: +/-30kV (Contact/Air)
per IEC 61000-4-2
Able to withstand over 1000 ESD strikes per IEC
61000-4-2 Level 4
Ultra-small 020
020
020
020
0201 pack
1 pack
1 pack
1 pack
1 package
age
age
age
age
Protects one data or power line
Low reverse current: <50nA (VR=12V)
Working voltage: +/- 12V
Low capacitance: 25pF maximum
Solid-state silicon-avalanche technology
SLP0603P2X3 package
Pb-Free, Halogen Free, RoHS/WEEE Compliant
Nominal Dimensions: 0.6 x 0.3 x 0.25 mm
Lead Finish: NiPdAu
Marking : Marking code + dot matrix date code
Packaging : Tape and Reel
SLP0603P2X3 (Bottom View)
Nominal Dimensions (mm)
0.32
0.62
0.25
0.16
0.355 BSC
0.22
1
2


Similar Part No. - UCLAMP1211Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
uClamp1211Z.TFT SEMTECH-uClamp1211Z.TFT Datasheet
319Kb / 7P
   1 Line, 12V ESD Protection
UCLAMP1211Z SEMTECH-UCLAMP1211Z_17 Datasheet
319Kb / 7P
   1 Line, 12V ESD Protection
More results

Similar Description - UCLAMP1211Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3321ZA SEMTECH-UCLAMP3321ZA Datasheet
588Kb / 6P
   Ultra Small UClamp 1-Line, 3.3V ESD Protection
RCLAMP1821Z SEMTECH-RCLAMP1821Z Datasheet
209Kb / 7P
   Ultra Small RailClamp 1-Line ESD protection
RCLAMP0531Z SEMTECH-RCLAMP0531Z Datasheet
165Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z Datasheet
295Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP3331Y SEMTECH-RCLAMP3331Y Datasheet
366Kb / 8P
   Ultra Small RailClamp짰 1-Line, 3.3V ESD Protection
UCLAMP0551Y SEMTECH-UCLAMP0551Y Datasheet
136Kb / 7P
   Ultra Small 關Clamp짰 1-Line ESD Protection
RCLAMP5011ZA SEMTECH-RCLAMP5011ZA Datasheet
660Kb / 6P
   Ultra Small RClamp짰 1-Line, 5V ESD Protection
UCLAMP0541Z SEMTECH-UCLAMP0541Z Datasheet
176Kb / 8P
   Ultra Small 關Clamp짰 1-Line ESD Protection
RCLAMP3331ZA SEMTECH-RCLAMP3331ZA Datasheet
703Kb / 8P
   Ultra Small RailClamp짰 1-Line, 3.3V ESD Protection
RCLAMP1851Y SEMTECH-RCLAMP1851Y Datasheet
268Kb / 8P
   Ultra Small RailClamp짰 1-Line, 18V ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com