Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1679-INTE3 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1679-INTE3
Description  Cable Driver with HD/SD Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1679-INTE3 Datasheet(HTML) 4 Page - Gennum Corporation

  GS1679-INTE3 Datasheet HTML 1Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 2Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 3Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 4Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 5Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 6Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 7Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 8Page - Gennum Corporation GS1679-INTE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GS1679 Cable Driver with HD/SD Capability
Data Sheet
54175 - 1
March 2011
4 of 16
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
7*
DISABLE2
Input
Control signal input.
When set LOW, the second serial digital output is disabled (powered-down) and the
SDO2/SDO2 pins are set to high-impedance.
When set HIGH, the SDO2/SDO2 pins will output a serial digital signal.
NOTE: if this pin is left floating, the second serial digital output will be disabled.
9,10
SDO2/
SDO2
Output
Serial digital differential output of second output buffer.
11,12
SDO1/
SDO1
Output
Serial digital differential output of first output buffer.
14, 16
NC
–No connect. Not internally bonded.
15
SD/HD
Input
Control signal input.
When set HIGH, the serial digital outputs will meet the SMPTE 259M rise/fall time
specification.
When set LOW, the serial outputs will meet the SMPTE 292M rise/fall time
specification.
NOTE: if this pin is left floating, the serial digital outputs will meet the SMPTE 259M
rise/fall time specification.
Center Pad
Power
Connect to most negative power supply plane following the recommendations in
Recommended PCB Footprint on page 13.
*NOTE: When pins 6 and 7 are driven LOW together (or similarly when pin 6 is driven LOW while pin 7 is left floating), the
entire device is powered-down. In this state, bare minimum power consumption occurs.
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
2.5kV
Storage Temperature Range-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range-40°C to +85°C
Solder Reflow Temperature
260°C
NOTE: Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions or at any other condition beyond those
indicated in the AC/DC Electrical Characteristic sections is not implied.


Similar Part No. - GS1679-INTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670-IBE3 SEMTECH-GS1670-IBE3 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Similar Description - GS1679-INTE3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com