Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6187W Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6187W
Description  Supports panel mount, wall mount and VESA mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6187W Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6187W Datasheet HTML 1Page - Axiomtek Co., Ltd. P6187W Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
612
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
4
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Dimensions
Input Signal
VGA Video: R.G.B Analog 0.7v Peak-to-Peak
Video
S-video
DVI (Oly for DVI-D)
Touchscreen: USB interface
I/O Connectors
1 x USB for touchscreen version
1 x VGA input
1 x RCA for video
1 x S-video for video
1 x DVI
1 x Screw-type DC power input
Power Adapter
Screw-type external AC/ DC power adapter
Touchscreen
Multi-touch 18.5" projective capacitive
Dimensions
460 mm (18.11") (W) x 57 mm (2.44") (D) x 285 mm (11.22") (H)
Packing Dimensions
595 mm (24.43") (W) x 190 mm (7.48") (D) x 490 mm (19.29") (H)
Weight (net/gross)
6.0 kg (12.22 lb)/ 8.0 kg (17.75 lb)
Environment
Operating temperature: 0° ~ +55°C (+32°F ~ +131°F)
Storage temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20%~90%@40°C, non-condensing
Certificate
CE
P6187W
AC Power
Panel Mount Monitor
Capacitive (USB)
P6187WPC-AC-U-US-EU
Glass
P6187WPG-AC-US-EU
24VDC Power
Panel Mount Monitor
Capacitive (USB)
P6187WPC-24VDC-U
Glass
P6187WPG-24VDC


Similar Part No. - P6187W

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6187W-V2 AXIOMTEK-P6187W-V2_17 Datasheet
350Kb / 2P
   18.5 WXGA TFT Widescreen Industrial LCD Monitor
P6187W AXIOMTEK-P6187W_17 Datasheet
273Kb / 2P
   18.5 WXGA TFT Widescreen Industrial LCD Monitor
More results

Similar Description - P6187W

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W Datasheet
282Kb / 2P
   Supports panel mount, wall mount, VESA mount
DSB500-871HM AXIOMTEK-DSB500-871HM Datasheet
285Kb / 1P
   Supports wall mount and VESA mount
DSB500-870HM AXIOMTEK-DSB500-870HM Datasheet
336Kb / 1P
   Supports wall mount and VESA mount
DSB-500-860 AXIOMTEK-DSB-500-860 Datasheet
267Kb / 1P
   Supports wall mount and VESA mount
DSB-500-870HM AXIOMTEK-DSB-500-870HM Datasheet
273Kb / 1P
   Supports wall mount and VESA mount
P6192 AXIOMTEK-P6192_16 Datasheet
359Kb / 2P
   Supports panel mount, wall mount, rack mount and VESA arm
DSB500-860 AXIOMTEK-DSB500-860 Datasheet
292Kb / 1P
   Supports wall mount and VESA mount
P6171 AXIOMTEK-P6171 Datasheet
242Kb / 2P
   Supports panel mount, wall mount, rack mount and VESA arm
P6171 AXIOMTEK-P6171_16 Datasheet
292Kb / 2P
   Supports panel mount, wall mount, rack mount and VESA arm
GOT3157W-834-PCT AXIOMTEK-GOT3157W-834-PCT_16 Datasheet
498Kb / 2P
   Supports panel mount and optional VESA arm/desktop stand/wall mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com