Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2978-CTE3 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS2978-CTE3
Description  Dual coaxial cable driving outputs with selectable slew rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978-CTE3 Datasheet(HTML) 4 Page - Gennum Corporation

  GS2978-CTE3 Datasheet HTML 1Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 2Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 3Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 4Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 5Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 6Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 7Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 8Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
4 of 15
1. Pin Out
1.1 Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 Pin Descriptions
Center Pad
(bottom of package)
GS2978
(top view)
1
VEE
DDI
DDI
2
3
4
SDO
SDO
VCC
12
11
10
9
5
7
6
8
13
14
15
16
RSET
SD/HD
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
1,2
DDI, DDI
Analog
Input
Serial digital differential input.
3VEE
Power
Most negative power supply connection. Connect to GND.
4RSET
Analog
Input
External output amplitude control resistor.
5,8,13,14,
15,16
NC
––
No Connect. Not bonded internally.
7RSVD
Reserved
Do not connect.
6DISABLE
Non
Synchronous
Input
Serial output disable. When asserted LOW, the SDO/SDO output
driver is powered off. SDO/SDO will float to VCC through the pull-up
resistor.
9VCC
Power
Most positive power supply connection. Connect to +3.3V.
10
SD/HD
Non
Synchronous
Input
Output slew rate control. When set HIGH, the output will meet
SMPTE 259M rise/fall time specifications. When set LOW, the serial
outputs will meet SMPTE424M and SMPTE 292M rise/fall time
specifications.


Similar Part No. - GS2978-CTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2978-CTE3 SEMTECH-GS2978-CTE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS2978-CTE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com