Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP02N80C3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPP02N80C3
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP02N80C3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPP02N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 10Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 11Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2003-10-14
Page 8
SPP02N80C3
SPA02N80C3
Final data
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-2
10
-1
10
0
10
1
10
A
SPP02N80C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3 10 -2 10 -1 10 0 10 1 10 2 10 3
10
5
µs
tAR
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
A
2
Tj(START)=25°C
Tj(START)=125°C
15 Avalanche energy
EAS = f (Tj)
par.: ID = 1 A, VDD = 50 V
25
45
65
85
105
125
°C 155
Tj
0
10
20
30
40
50
60
70
mJ
90
16 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
720
740
760
780
800
820
840
860
880
900
920
940
V
980
SPP02N80C3


Similar Part No. - SPP02N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP02N80C3 INFINEON-SPP02N80C3 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP02N80C3 INFINEON-SPP02N80C3 Datasheet
447Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP02N80C3 INFINEON-SPP02N80C3_11 Datasheet
447Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
More results

Similar Description - SPP02N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com