Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA03N60C3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPA03N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA03N60C3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPA03N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPA03N60C3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2003-10-02
Page 8
SPP03N60C3, SPB03N60C3
SPA03N60C3
Final data
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-2
10
-1
10
0
10
1
10
A
SPP03N60C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Typ. switching time
t = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=20Ω
0
0.5
1
1.5
2
2.5
A
3.5
ID
0
10
20
30
40
50
60
70
80
ns
100
td(off)
tf
td(on)
tr
15 Typ. switching time
t = f (RG), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=3.2 A
0
20
40
60
80 100 120 140 160
200
RG
0
50
100
150
200
250
300
350
400
ns
500
td(off)
tf
td(on)
tr
16 Typ. drain current slope
di/dt
= f(RG), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=3.2A
0
40
80
120
160
220
RG
0
150
300
450
600
750
900
1050
1200
A/µs
1500
di/dt(on)
di/dt(off)


Similar Part No. - SPA03N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA03N60C3 INFINEON-SPA03N60C3 Datasheet
599Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPA03N60C3 INFINEON-SPA03N60C3 Datasheet
1Mb / 14P
   COOL MOS POWER TRANSISTOR
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPA03N60C3 ISC-SPA03N60C3 Datasheet
267Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA03N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com