Electronic Components Datasheet Search |
|
SPA04N50C3 Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
SPA04N50C3 Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 13 page 2003-10-07 Page 3 SPP04N50C3, SPB04N50C3 SPA04N50C3 Final data Electrical Characteristics Parameter Symbol Conditions Values Unit min. typ. max. Transconductance gfs VDS≥2*ID*RDS(on)max, ID=2.8A - 4.4 - S Input capacitance Ciss VGS=0V, VDS=25V, f =1MHz - 470 - pF Output capacitance Coss - 160 - Reverse transfer capacitance Crss - 15 - Effective output capacitance,5) energy related Co(er) VGS=0V, VDS=0V to 400V - 27 - Effective output capacitance,6) time related Co(tr) - 44 - Turn-on delay time td(on) VDD=350V, VGS=0/10V, ID=4.5A, RG=18Ω - 10 - ns Rise time tr - 5 - Turn-off delay time td(off) - 70 - Fall time tf - 10 - Gate Charge Characteristics Gate to source charge Qgs VDD=400V, ID=4.5A - 2.2 - nC Gate to drain charge Qgd - 10 - Gate charge total Qg VDD=400V, ID=4.5A, VGS=0 to 10V - 22 - Gate plateau voltage V(plateau) VDD=400V, ID=4.5A - 5 - V 1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f. 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain connection. PCB is vertical without blown air. 4Soldering temperature for TO-263: 220°C, reflow 5C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS. 6Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. |
Similar Part No. - SPA04N50C3 |
|
Similar Description - SPA04N50C3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |