Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA04N60C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPA04N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA04N60C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPA04N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPA04N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2003-10-02
Page 2
SPP04N60C3, SPB04N60C3
SPA04N60C3
Final data
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain Source voltage slope
VDS = 480 V, ID = 4.5 A, Tj = 125 °C
dv/dt
50
V/ns
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - case
RthJC
-
-
2.5
K/W
Thermal resistance, junction - case, FullPAK
RthJC_FP
-
-
4
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Thermal resistance, junction - ambient, FullPAK
RthJA_FP
-
-
80
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
35
62
-
Soldering temperature,
1.6 mm (0.063 in.) from case for 10s 4)
Tsold
-
-
260
°C
Electrical Characteristics, at Tj=25°C unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA
600
-
-
V
Drain-Source avalanche
breakdown voltage
V(BR)DS VGS=0V, ID=4.5A
-
700
-
Gate threshold voltage
VGS(th)
ID=200µA, VGS=VDS
2.1
3
3.9
Zero gate voltage drain current
IDSS
VDS=600V, VGS=0V,
Tj=25°C
Tj=150°C
-
-
0.5
-
1
50
µA
Gate-source leakage current
IGSS
VGS=30V, VDS=0V
-
-
100
nA
Drain-source on-state resistance RDS(on) VGS=10V, ID=2.8A
Tj=25°C
Tj=150°C
-
-
0.85
2.3
0.95
-
Gate input resistance
RG
f=1MHz, open drain
-
0.95
-


Similar Part No. - SPA04N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA04N60C3 INFINEON-SPA04N60C3 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
logo
Inchange Semiconductor ...
SPA04N60C3 ISC-SPA04N60C3 Datasheet
270Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPA04N60C3 VBSEMI-SPA04N60C3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SPA04N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com