Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBOX101-4COM Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # RBOX101-4COM
Description  Fanless and cableless design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RBOX101-4COM Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  RBOX101-4COM_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. RBOX101-4COM_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
3
326
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Specifications
Ordering Information
Dimensions
EMI
Compliance
FCC Part 18
Heavy Industrial CE, including:
EN61000-6-4, EN61000-3-2, EN61000-3-3
EMS
Compliance
EN50121-4 (Railway application)
Heavy Industrial CE, including:
EN61000-6-2
EN61000-4-2 (ESD standards)
* Contact: +/- 6 KV; criteria B
* Air: +/- 8 KV; criteria B
EN61000-4-3 (radiated RFI standards)
* 10V/m, 80 to 1000 MHz; 80% AM criteria A
EN61000-4-4 (burst standards)
* Signal ports: +/- 2 KV; criteria B
* DC power ports: +/- 2 KV; criteria B
EN61000-4-5 (surge standards)
* Signal ports: +/- 1 KV; line-to-line; criteria B
* DC power ports: +/- 0.5 KV; line-to-earth; criteria B
EN61000-4-6 (induced RFI standards)
* Signal ports: 10 Vrms @ 0.15 ~ 80 MHz; 80% AM
criteria A
* DC power ports: 10 Vrms @ 0.15 ~ 80 MHz; 80% AM
criteria A
EN61000-4-8 (magnetic field standards)
* 30 A/m @ 50, 60 Hz; criteria A
Environmental Test
IEC60068-2-6 Fc (vibration resistance)
5 g @ 10 ~ 150 Hz, amplitude 0.35 mm (operation/storage/
transport)
IEC60068-2-27 Ea (shock) 25 g @ 11 ms (half-sine shock
pulse; operation); 50 g @ 11 ms (half-sine shock pulse;
storage/transport)
IEC60068-2-32 Ed (free fall) 1 M (3.281ft)
Standard
rBOX101-4COM-
FL1.1G-DC
Robust din-rail fanless embedded system with Intel
® Atom™
processor Z510PT 1.1 GHz and 4 isolated COM ports (-40°C
~ +70°C)
rBOX101-4COM-
FL1.33G-DC
Robust din-rail fanless embedded system with Intel
® Atom™
processor Z520PT 1.33 GHz and 4 isolated COM ports (-40°C
~ +70°C)
Optional
DDR2 SO-DIMM
1 GB ~ 2 GB (with W.T. memory)
DDR2 SO-DIMM
1 GB ~ 2 GB (with 0°C ~ +85°C memory; operating
temperature: 0°C ~ +70°C)
CompactFlash™
2 GB or above (with W.T. CF)
Wall mount kit
Wireless (3G/GPRS) module for rBOX series
*Specifications and certifications are based on options and may vary.


Similar Part No. - RBOX101-4COM_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX101-4COM AXIOMTEK-RBOX101-4COM Datasheet
376Kb / 2P
   Fanless and cableless design
More results

Similar Description - RBOX101-4COM_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX101-6COM AXIOMTEK-RBOX101-6COM Datasheet
388Kb / 2P
   Fanless and cableless design
RBOX111-4COM AXIOMTEK-RBOX111-4COM Datasheet
418Kb / 2P
   Fanless and cableless design
RBOX100 AXIOMTEK-RBOX100 Datasheet
357Kb / 2P
   Fanless and cableless design
RBOX111-4COM AXIOMTEK-RBOX111-4COM_16 Datasheet
427Kb / 2P
   Fanless and cableless design
RBOX510-6COM AXIOMTEK-RBOX510-6COM_16 Datasheet
459Kb / 2P
   Fanless and cableless design
RBOX204 AXIOMTEK-RBOX204_16 Datasheet
383Kb / 2P
   Fanless and cableless design
RBOX310-4COM AXIOMTEK-RBOX310-4COM_16 Datasheet
427Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM Datasheet
324Kb / 2P
   Fanless and cableless design
RBOX101-4COM AXIOMTEK-RBOX101-4COM Datasheet
376Kb / 2P
   Fanless and cableless design
RBOX101-6COM AXIOMTEK-RBOX101-6COM_16 Datasheet
400Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM_16 Datasheet
330Kb / 2P
   Fanless and cableless design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com