Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBOX101-6COM Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # RBOX101-6COM
Description  Fanless and cableless design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RBOX101-6COM Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  RBOX101-6COM_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. RBOX101-6COM_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
327
* All specifications and photos are subject to change without notice.
Features
Din-rail kit
LED indicators
(power, alarm, ready/
active, COM)
6 isolated COM
1 isolated DIO
(4-IN/OUT)
rBOX101-6COM
Robust Din-rail Fanless Embedded System
with Intel® Atom™ Processor Z510PT/
Z520PT up to 1.33 GHz, Intel® US15WPT, 6
Isolated COM and 1 Isolated DIO (4-IN/4-OUT) Fanless and cableless design
Supports Intel® Atom™ processor Z510PT 1.1 GHz or Z520PT
1.33 GHz
Wide temperature operation of -40°C ~ +70°C
6 isolated COM ports, 1 isolation DIO (4-IN/4-OUT)
2 isolated Ethernet ports
2 watchdog timer
LED indicators
1 wireless (3G/GPRS)
SNMP V1/V2c
Supports one CompactFlash™, one SD card (optional)
2 power paths with terminal block and 12-48VDC
Supports AXView remote monitoring software package
Introduction
Specifications
The rBOX101-6COM din-rail fanless embedded field controller supports extra low power
Intel® Atom™ processors Z510PT and Z520PT with extended temperature range of -40°C
to 70°C for use in extreme operating environments.
To prevent ESD and over-voltage, this super compact-size rBOX101-6COM is equipped
with six isolated RS-232/422/485, one isolated 10/100/1000Mbps Ethernet & one
isolated 10/100Mbps Ethernet and one isolated DIO port for offering magnetic isolation
protection. Two power paths input minimize the risk of data loss in the event of a
single power failure. Powered by IP30 housing, wide operating temperature range and
Safety/EMI/EMS compliance, the rBOX101-6COM is ideal for intelligent computing and
communication solutions in critical environments such as power utility, transportation
and more.
The ready-to-run rBOX101-6COM equipped with AXView remote monitoring software
is a total solution for power plant automation, facility monitoring systems, intelligent
transportation systems, and more.
Standard Color
Sliver-Black
Construction
Extruded aluminum and heary-duty steel, IP30
CPU
Intel® Atom™ processor Z510PT 1.1 GHz or Z520PT 1.33 GHz
System Memory
1 x 200-pin DDR2 SO-DIMM max. up to 2 GB
System I/O Outlet
Serial Port
6 x Isolated RS-232/422/485 (COM 1~6)
Interface select by software or BIOS
Supports Auto Flow Control in RS-485
mode
ESD protection 15 KV
Magnetic isolation protection 2KV
COM 1 & COM 2 speed up to 115.2kbps
COM 3 ~ COM 6 serial port speed up to
921.6kbps
LAN
1 x 10/100/1000Mbps Ethernet
1 x 10/100Mbps Ethernet
Magnetic isolation protection 1.5 KV
USB
2 x USB 2.0
USB power distribution control by
software
System I/O Outlet
DIO
1 x DIO (4-IN/4-OUT)
DI :
Input channels : 4, source type
Input voltage : 0 to 30VDCDigital input
levels for dry contacts :
-Logic level 0: close to GND
-Logic level 1: open
Digital input levels for wet contacts :
-Logic level 0: +10V to +24V (DI to
COM-)
-Logic level 1: +3V max.
DO :
Output channels : 4, sink type
Output current: Max. 200 mA per
channel
On-state voltage : 24VDC nominal,
open collector to 30V
Optical isolation protection 2 KV
VGA
1 x DB15 connector
Power Input
2 x DC power input with terminal block
Alarm Contact
One relay output with current 0.5A
@30VDC
Wireless
1 x Mini Card (Full size, supports
USB only)
1 x SIM socket onboard
Supports 3G/GPRS
Watchdog Timer
2 WDT
WDT 1: one step is 1 sec, 255 levels
WDT 2: one step is 250ms, 255 levels
LEDs
System
Power, Alarm, Ready/Active, COM
(TXD,RXD)
Alarm
DC PWR1 or PWR2 is lost (default)
User define event
Storage
Supports 1 x CompactFlash
TM
Supports 1 x SD card up to 32 GB (optional)
Installation
Din-rail, wall mount
Rear view
Front view
Wireless
(3G/GPRS)
Intel® Atom™
processor Z510 PT/
Z520PT
IP30
Ext. Temp
UL508
Isolation
Fanless
Low Power


Similar Part No. - RBOX101-6COM_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX101-6COMATEX AXIOMTEK-RBOX101-6COMATEX Datasheet
810Kb / 2P
   ATEX Anti-Explosive Certified Robust Din-rail Fanless Embedded System
RBOX101-6COMATEX AXIOMTEK-RBOX101-6COMATEX_17 Datasheet
452Kb / 2P
   ATEX Anti-Explosion Certified Robust Din-rail Fanless Embedded System
More results

Similar Description - RBOX101-6COM_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX101-6COM AXIOMTEK-RBOX101-6COM Datasheet
388Kb / 2P
   Fanless and cableless design
RBOX111-4COM AXIOMTEK-RBOX111-4COM Datasheet
418Kb / 2P
   Fanless and cableless design
RBOX100 AXIOMTEK-RBOX100 Datasheet
357Kb / 2P
   Fanless and cableless design
RBOX111-4COM AXIOMTEK-RBOX111-4COM_16 Datasheet
427Kb / 2P
   Fanless and cableless design
RBOX510-6COM AXIOMTEK-RBOX510-6COM_16 Datasheet
459Kb / 2P
   Fanless and cableless design
RBOX204 AXIOMTEK-RBOX204_16 Datasheet
383Kb / 2P
   Fanless and cableless design
RBOX310-4COM AXIOMTEK-RBOX310-4COM_16 Datasheet
427Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM Datasheet
324Kb / 2P
   Fanless and cableless design
RBOX101-4COM AXIOMTEK-RBOX101-4COM Datasheet
376Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM_16 Datasheet
330Kb / 2P
   Fanless and cableless design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com