Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA06N80C3 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPA06N80C3
Description  Cool MOS??Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA06N80C3 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPA06N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 10Page - Infineon Technologies AG SPA06N80C3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2003-07-02
Page 7
SPP06N80C3
SPA06N80C3
Final data
9 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
2
4
6
8
A
11
ID
1
1.5
2
2.5
3
3.5
4
5
4V
4.5V
5V
5.5V
6V
7V
8V
10V
20V
10 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 3.8 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5.5
SPP06N80C3
typ
98%
11 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
8
10
12
14
16
V
20
VGS
0
2
4
6
8
10
12
14
16
A
20
25°C
150°C
12 Typ. gate charge
VGS = f (QGate)
parameter: ID = 6 A pulsed
0
5
10
15
20
25
30
35
40 nC 50
QGate
0
2
4
6
8
10
12
V
16
SPP06N80C3
0,8 VDS max
DS max
V
0,2


Similar Part No. - SPA06N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA06N80C3 INFINEON-SPA06N80C3 Datasheet
681Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.6 2007-08-30
SPA06N80C3 INFINEON-SPA06N80C3 Datasheet
375Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
SPA06N80C3 INFINEON-SPA06N80C3 Datasheet
481Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPA06N80C3 INFINEON-SPA06N80C3_08 Datasheet
375Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
SPA06N80C3 INFINEON-SPA06N80C3_11 Datasheet
481Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
More results

Similar Description - SPA06N80C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com