Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP08P06P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPP08P06P
Description  SIPMOS Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP08P06P Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPP08P06P Datasheet HTML 1Page - Infineon Technologies AG SPP08P06P Datasheet HTML 2Page - Infineon Technologies AG SPP08P06P Datasheet HTML 3Page - Infineon Technologies AG SPP08P06P Datasheet HTML 4Page - Infineon Technologies AG SPP08P06P Datasheet HTML 5Page - Infineon Technologies AG SPP08P06P Datasheet HTML 6Page - Infineon Technologies AG SPP08P06P Datasheet HTML 7Page - Infineon Technologies AG SPP08P06P Datasheet HTML 8Page - Infineon Technologies AG SPP08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1999-11-22
Page 7
SPP08P06P
SPB08P06P
Preliminary data
Drain-source on-state resistance
RDS(on) = f (Tj)
parameter :
ID = -6.2 A, VGS = -10 V
-60
-20
20
60
100
140
°C
200
Tj
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
W
1.0
SPP08P06P
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter:
VGS = VDS, ID = -250 µA
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
2%
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
typ
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
98%
-60
-20
20
60
100
°C
180
Tj
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
V
-5.0
Typ. capacitances
C = f (VDS)
parameter:
VGS=0V, f=1 MHz
0
-5
-10
-15
-20
-25
-30
V
-40
VDS
1
10
2
10
3
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VSD
-1
-10
0
-10
1
-10
2
-10
A
SPP08P06P
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)


Similar Part No. - SPP08P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP08P06P INFINEON-SPP08P06P Datasheet
843Kb / 10P
   P-Channel Enhancement mode Avalanche rated dv/dt rated
Rev 1.5 2009-04-14
SPP08P06PG INFINEON-SPP08P06PG Datasheet
843Kb / 10P
   P-Channel Enhancement mode Avalanche rated dv/dt rated
Rev 1.5 2009-04-14
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
logo
VBsemi Electronics Co.,...
SPP08P06PH VBSEMI-SPP08P06PH Datasheet
955Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
SPP08P06P INFINEON-SPP08P06P_09 Datasheet
843Kb / 10P
   P-Channel Enhancement mode Avalanche rated dv/dt rated
Rev 1.5 2009-04-14
More results

Similar Description - SPP08P06P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com