Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP11N60C2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP11N60C2
Description  Cool MOS??Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP11N60C2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP11N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPP11N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2002-08-12
Page 5
SPP11N60C2, SPB11N60C2
SPA11N60C2
Final data
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
10
20
30
40
50
60
70
80
90
100
110
120
W
140
SPP11N60C2
2 Power dissiaption FullPAK
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
5
10
15
20
25
W
35
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
4 Safe operating area FullPAK
ID = f (VDS)
parameter: D = 0, TC = 25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
tp = 10 ms
DC


Similar Part No. - SPP11N60C2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPP11N60C2 VBSEMI-SPP11N60C2 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SPP11N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com