Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N60C2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPA11N60C2
Description  Cool MOS??Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N60C2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPA11N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPA11N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2002-08-12
Page 2
SPP11N60C2, SPB11N60C2
SPA11N60C2
Final data
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
-
1
K/W
Thremal resistance, junction - case, FullPAK
RthJC_FP
-
-
3.8
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Thermal resistance, junction - ambient, FullPAK
RthJA_FP
-
-
80
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
35
62
-
Linear derating factor
-
-
1
W/K
Linear derating factor, FullPAK
-
-
0.26
Soldering temperature,
1.6 mm (0.063 in.) from case for 10s
Tsold
-
-
260
°C
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Static Characteristics
Drain-source breakdown voltage
VGS=0V, ID=0.25mA
V(BR)DSS
600
-
-
V
Drain-source avalanche breakdown voltage
VGS=0V, ID=11A
V(BR)DS
-
700
-
Gate threshold voltage, VGS = VDS
ID=0.5mA
VGS(th)
3.5
4.5
5.5
Zero gate voltage drain current
VDS = 600 V, VGS = 0 V, Tj = 25 °C
VDS = 600 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
25
250
µA
Gate-source leakage current
VGS=20V, VDS=0V
IGSS
-
-
100
nA
Drain-source on-state resistance
VGS=10V, ID=7A, Tj=25°C
RDS(on)
-
0.34
0.38
Gate input resistance
f = 1 MHz, open drain
RG
-
0.86
-


Similar Part No. - SPA11N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
352Kb / 14P
   Cool MOS??Power Transistor
2003-07-01
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
662Kb / 15P
   Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
logo
Inchange Semiconductor ...
SPA11N60C3 ISC-SPA11N60C3 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPA11N60C3 VBSEMI-SPA11N60C3 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - SPA11N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com