Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463N410050N2M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R463N410050N2M
Description  Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463N410050N2M Datasheet(HTML) 1 Page - Kemet Corporation

  R463N410050N2M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/04/2015 - 9cb97498-8e14-400c-90cf-186b4b4280c8
KEMET Part Number: R463N410050N2M
Capacitor, film, 1 uF, +/-20% Tol, -40/+110C, Safety: X2, 310 VAC, Lead Spacing=22.5 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
26.5
+0.3
H
18.5
+0.1
T
10
+0.2
S
22.5
+/-0.4
LL
25
+2/-1
F
0.8
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: Safety: X2
Style: Radial Box
Lead Form: Wire Leads
Approvals: ENEC,UL,cUL,CQC
RoHS: Yes
Specifications
Capacitance: 1 uF
Voltage: 630 VDC
Tolerance: +/-20%
Voltage AC: 310 VAC
Rated Temperature: 110C
Temperature Range: -40/+110C
Dissipation Factor @ 1 kHz: 0.1%
Insulation Resistance: 30 GOhm
Maximum dVdT: 200 v/us
Packaging Specifications
Package Kind: Bulk
Package Quantity: 300
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R463N410050N2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463N410000N2M KEMET-R463N410000N2M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 1 uF, 20%, 630 V, 310 V, 110C, Lead Spacing = 22.5mm
R463N410040H1M KEMET-R463N410040H1M Datasheet
50Kb / 1P
   R46 310 VAC 125C, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 310 VAC (X2), 630 VDC, 125째C, Lead Spacing = 22.5mm
R463N410040N1M KEMET-R463N410040N1M Datasheet
58Kb / 1P
   R46_310, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 22.5mm
R463N410040N2M KEMET-R463N410040N2M Datasheet
226Kb / 1P
   R46 310 VAC, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 22.5mm
10/20/2022
More results

Similar Description - R463N410050N2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN410040P0M KEMET-R46KN410040P0M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN410040P1M KEMET-R46KN410040P1M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN410000P0M KEMET-R46KN410000P0M Datasheet
36Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
PME271MD6100MR30 KEMET-PME271MD6100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN415040P0M KEMET-R46KN415040P0M Datasheet
55Kb / 1P
   Capacitor, film, 1.5 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368040P0M KEMET-R46KN368040P0M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R463F310050M1M KEMET-R463F310050M1M Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 310 VAC, Lead Spacing=10 mm
R46KN347000N0M KEMET-R46KN347000N0M Datasheet
54Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN410000P1M KEMET-R46KN410000P1M Datasheet
36Kb / 1P
   Capacitor, film, 1 F, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
PME271MD6220KR30 KEMET-PME271MD6220KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com