Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N60C3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SPA11N60C3
Description  Cool MOS??Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N60C3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SPA11N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 12Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 13Page - Infineon Technologies AG SPA11N60C3 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2003-07-01
Page 11
SPP11N60C3, SPB11N60C3
SPI11N60C3, SPA11N60C3
Final data
25 Typ. Coss stored energy
Eoss=f(VDS)
0
100
200
300
400
V
600
VDS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
µJ
7.5
Definition of diodes switching characteristics


Similar Part No. - SPA11N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
662Kb / 15P
   Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
SPA11N60C3 INFINEON-SPA11N60C3 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
logo
Inchange Semiconductor ...
SPA11N60C3 ISC-SPA11N60C3 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPA11N60C3 VBSEMI-SPA11N60C3 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
Infineon Technologies A...
SPA11N60C3E8185 INFINEON-SPA11N60C3E8185 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
More results

Similar Description - SPA11N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com