Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N65C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPA11N65C3
Description  Cool MOS??Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N65C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPA11N65C3 Datasheet HTML 1Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPA11N65C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2003-0
8-15
Page 4
SPP11N65C3, SPA11N65C3
SPI11N65C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
11
A
Inverse diode direct current,
pulsed
ISM
-
-
33
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=480V, IF=IS ,
diF/dt=100A/µs
-
400
600
ns
Reverse recovery charge
Qrr
-
6
-
µC
Peak reverse recovery current
Irrm
-
41
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
1200
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPA
SPA
Rth1
0.015
0.15
K/W
Cth1
0.0001878
0.0001878 Ws/K
Rth2
0.03
0.03
Cth2
0.0007106
0.0007106
Rth3
0.056
0.056
Cth3
0.000988
0.000988
Rth4
0.197
0.194
Cth4
0.002791
0.002791
Rth5
0.216
0.413
Cth5
0.007285
0.007401
Rth6
0.083
2.522
Cth6
0.063
0.412
SPP_B
SPP_B
External Heatsink
Tj
Tcase
Tamb
C th1
Cth2
Rth1
Rth,n
Cth,n
Ptot (t)


Similar Part No. - SPA11N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N65C3 INFINEON-SPA11N65C3 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPA11N65C3 INFINEON-SPA11N65C3 Datasheet
574Kb / 15P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.91 2009-11-30
logo
Inchange Semiconductor ...
SPA11N65C3 ISC-SPA11N65C3 Datasheet
270Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPA11N65C3 VBSEMI-SPA11N65C3 Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - SPA11N65C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com