Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC21-4-20-04 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # LC21-4-20-04
Description  Nominal centre frequency fo: 21.4 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

LC21-4-20-04 Datasheet(HTML) 1 Page - Vectron International, Inc

  LC21-4-20-04 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
05 April 2002
Specification for LC band pass filter:
L C 2 1 . 4 - 2 . 0 / 0 4 V 1
1. General
1.1. Package:
1.2.
Type name:
LC 21.4-2.0/04V1
1.3.
Number of poles:
4
1.4.
Operating temperature range:
-20°C to +70°C
1.5.
Storage temperature range:
-40°C to +70°C
2.
Electric values
2.1.
Nominal centre frequency fo:
21.4 MHz
2.2.
Pass band
2.2.1. Bandwidth between 3 dB - frequencies:
fo
1.0 MHz
2.2.2. Ripple:
1.5 dB at fo
500 kHz
2.2.3. Group delay distortion:
0.25 µs at fo
1.0 MHz
2.2.4. Insertion loss:
4.0 dB
2.3.
Stop band
2.3.1. fo + 4.2 MHz
45 dB
2.3.2. fo + 6.5 MHz
60 dB
2.3.3. fo - 5.0 MHz
45 dB
2.3.4. fo - 8.5 MHz
60 dB
2.3.5. Alternate attenuation:
60 dB
2.4.
Terminating impedance ( input and output ):
50
// 0 pF
2.5.
Intermodulation
test frequencies:
fo
200 kHz
input power level :
0 dBm
IM:
70 dB
3.
Marking:
manufacturer, date code
LC 21.4-2.0/04V1
4.
Environment conditions:
Corresponding to Vectron standard CF001
______________________________________________________________________________________
Edited by:
date: ________________________________ name: _____________________________


Similar Part No. - LC21-4-20-04

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC21-4-2-0-04 VECTRON-LC21-4-2-0-04 Datasheet
26Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
LC21-4-2-0-07 VECTRON-LC21-4-2-0-07 Datasheet
35Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
More results

Similar Description - LC21-4-20-04

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF21-4-0600-04 VECTRON-MQF21-4-0600-04 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1000-07 VECTRON-MQF21-4-1000-07 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-64 VECTRON-MQF21-4-1500-64 Datasheet
26Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-74 VECTRON-MQF21-4-1500-74 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-76 VECTRON-MQF21-4-1500-76 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-2000-24 VECTRON-MQF21-4-2000-24 Datasheet
26Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-3000-14 VECTRON-MQF21-4-3000-14 Datasheet
25Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-3000-37 VECTRON-MQF21-4-3000-37 Datasheet
71Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-3000-58 VECTRON-MQF21-4-3000-58 Datasheet
117Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-10 VECTRON-MQF21-4-4000-10 Datasheet
43Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-5200-02 VECTRON-MQF21-4-5200-02 Datasheet
72Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com