Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC184-32-100-0-06 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # LC184-32-100-0-06
Description  Nominal centre frequency fo: 21.4 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

LC184-32-100-0-06 Datasheet(HTML) 1 Page - Vectron International, Inc

  LC184-32-100-0-06 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04 October 2010
Specification for balanced LC band pass filter: LC 184.32-100.0/06
1. General
1.1. Package:
time (s)
temperature (°C)
260°C max.
260
217
0
Reflow soldering: three times max.
max 300s
10,,,,,,30s
30,,,150s


Similar Part No. - LC184-32-100-0-06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC18 MICROSEMI-LC18 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC18 MICROSEMI-LC18 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC18 MICROSEMI-LC18 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC18 NJSEMI-LC18 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
More results

Similar Description - LC184-32-100-0-06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF21-4-0600-04 VECTRON-MQF21-4-0600-04 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1000-07 VECTRON-MQF21-4-1000-07 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-64 VECTRON-MQF21-4-1500-64 Datasheet
26Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-74 VECTRON-MQF21-4-1500-74 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-1500-76 VECTRON-MQF21-4-1500-76 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-2000-24 VECTRON-MQF21-4-2000-24 Datasheet
26Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-3000-14 VECTRON-MQF21-4-3000-14 Datasheet
25Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-3000-37 VECTRON-MQF21-4-3000-37 Datasheet
71Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-3000-58 VECTRON-MQF21-4-3000-58 Datasheet
117Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-10 VECTRON-MQF21-4-4000-10 Datasheet
43Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-5200-02 VECTRON-MQF21-4-5200-02 Datasheet
72Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com