Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MO-9250A Datasheet(PDF) 3 Page - Vectron International, Inc

Part # MO-9250A
Description  200-625 MHz High Performance Differential Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MO-9250A Datasheet(HTML) 3 Page - Vectron International, Inc

  MO-9250A Datasheet HTML 1Page - Vectron International, Inc MO-9250A Datasheet HTML 2Page - Vectron International, Inc MO-9250A Datasheet HTML 3Page - Vectron International, Inc MO-9250A Datasheet HTML 4Page - Vectron International, Inc MO-9250A Datasheet HTML 5Page - Vectron International, Inc MO-9250A Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 3 of 6
Outline Drawing / Packaging
Package Outline & Dimensions (Unit: mm)
Recommended Land Pa ern (Unit: mm)
5.0 x 3.2 x 0.75 mm
0.75±0.05
YXXXX
#2
#5
#2
#5
#1
#3
#4
#6
#1
#3
#4
#6
7.0 x 5.0 x 0.90 mm
1.40
5.08
7.0±0.10
YXXXX
5.08
1.60
Pin Connec ons
Pin
Symbol
Func onality
1
OE
Input
H or Open: specified frequency output L: output is high impedance
2
NC
NA
Do Not Connect; Leave it floa ng
3
GND
Power
VDD Power Supply Ground
4
OUT+
Output
Oscillator output
5
OUT-
Output
Complementary oscillator output
6
VDD
Power
Power supply voltage
4
3
1
6
OE
GND
VDD
OUT+
5
2
NC
OUT-
Top View
Rev 1.2 Aug 2014


Similar Part No. - MO-9250A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MO-9200A VECTRON-MO-9200A Datasheet
303Kb / 6P
   1-220 MHz High Performance Diff erential Oscillator
More results

Similar Description - MO-9250A

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT9122 SITIME-SIT9122 Datasheet
345Kb / 8P
   220-625 MHz High Performance Differential Oscillator
SIT5022 SITIME-SIT5022 Datasheet
485Kb / 13P
   220-625 MHz High Performance Differential (VC) TCXO
SIT9121 SITIME-SIT9121 Datasheet
384Kb / 8P
   1-220 MHz High Performance Differential Oscillator
logo
MMD Components
IM840B MMD-IM840B Datasheet
414Kb / 7P
   Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
MO-9100A VECTRON-MO-9100A Datasheet
269Kb / 5P
   1-80 MHz High Performance Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TA0912A TAI-SAW-TA0912A Datasheet
378Kb / 10P
   SAW Filter 625 MHz
logo
Murata Manufacturing Co...
HO4050B-1 MURATA-HO4050B-1 Datasheet
86Kb / 2P
   622.08 MHz differential SAW Oscillator
logo
SiTime Corp.
SIT5021 SITIME-SIT5021 Datasheet
486Kb / 13P
   1-220 MHz High Performance Differential (VC) TCXO
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com