Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA20N60C2 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPA20N60C2
Description  Cool MOS??Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA20N60C2 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPA20N60C2 Datasheet HTML 1Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 2Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPA20N60C2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2002-08-12
Page 4
SPP20N60C2, SPB20N60C2
SPA20N60C2
Final data
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Inverse diode continuous
forward current
IS
TC=25°C
-
-
20
A
Inverse diode direct current,
pulsed
ISM
-
-
40
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=350V, IF=IS ,
diF/dt=100A/µs
-
610
1040
ns
Reverse recovery charge
Qrr
-
12
-
µC
Peak reverse recovery current
Irrm
-
48
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
1500
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPA
SPA
Rth1
0.007416
0.077
K/W
Cth1
0.0004409
0.000376
Ws/K
Rth2
0.016
0.015
Cth2
0.001462
0.00141
Rth3
0.021
0.022
Cth3
0.0024
0.00192
Rth4
0.06
0.063
Cth4
0.003031
0.00332
Rth5
0.083
0.214
Cth5
0.02
0.019
Rth6
0.038
2.479
Cth6
0.146
0.412
SPP_B
SPP_B
E xternal H eatsink
Tj
Tcase
Tamb
C th1
C th2
R th1
R th,n
C th,n
P tot (t)


Similar Part No. - SPA20N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA20N60C3 INFINEON-SPA20N60C3 Datasheet
314Kb / 14P
   Cool MOS Power Transistor
2003-10-08
SPA20N60C3 INFINEON-SPA20N60C3 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
logo
Inchange Semiconductor ...
SPA20N60C3 ISC-SPA20N60C3 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPA20N60CFD INFINEON-SPA20N60CFD Datasheet
293Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
SPA20N60CFD INFINEON-SPA20N60CFD Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
More results

Similar Description - SPA20N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com