Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQF10-7-0750-02 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF10-7-0750-02
Description  Nominal centre frequency fo: 10.7 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF10-7-0750-02 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF10-7-0750-02 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27 May 2010
Specification for monolithic crystal filter:
M Q F 1 0 . 7 - 0 7 5 0 / 0 2
1. General
1.1. Package:
2 x GH 3 ( each filter consists of a pair of two matched duals )
1.2.
Type name:
MQF 10.7-0750/02
1.3.
Number of poles:
4
1.4.
Operating temperature range:
-40°C to +85°C
1.5.
Storage temperature range:
-55°C to +85°C
2.
Electric values
2.1.
Nominal centre frequency fo:
10.7 MHz
2.2.
Pass band
2.2.1. Bandwidth between 3 dB - frequencies:
≥ fo ± 3.75 kHz
2.2.2. Ripple:
≤ 1.0 dB at fo ± 3.0 kHz
2.2.3. Insertion loss:
≤ 2.5 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fo
± 14 kHz
≥ 40 dB
2.3.2. fo + 300 kHz.........+ 1000 kHz
≥ 65 dB
2.3.3. fo - 200 kHz.........- 1000 kHz
≥ 80 dB
2.4.
Terminating impedance ( input and output ):
1800
Ω // 3.5 pF
2.4.1. Coupling capacitance Cc:
12 pF
3.
Marking:
manufacturer, date code
10.7-0750/02
4.
Environment conditions:
Corresponding to Vectron standard CF001
_____________________________________________________________________________________
Edited by:
date: ______________________________ name: _______________________________


Similar Part No. - MQF10-7-0750-02

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF10-7-0750-01 VECTRON-MQF10-7-0750-01 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-0750-03 VECTRON-MQF10-7-0750-03 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
More results

Similar Description - MQF10-7-0750-02

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF10-7-1300-08 VECTRON-MQF10-7-1300-08 Datasheet
22Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-21 VECTRON-MQF10-7-1500-21 Datasheet
34Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-2200-10 VECTRON-MQF10-7-2200-10 Datasheet
22Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-3000-04 VECTRON-MQF10-7-3000-04 Datasheet
37Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1200-04 VECTRON-MQF10-7-1200-04 Datasheet
22Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-13 VECTRON-MQF10-7-1500-13 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-54 VECTRON-MQF10-7-1500-54 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-2200-04 VECTRON-MQF10-7-2200-04 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-0750-11 VECTRON-MQF10-7-0750-11 Datasheet
19Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-0850-12 VECTRON-MQF10-7-0850-12 Datasheet
30Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
QF10-7-0020-04 VECTRON-QF10-7-0020-04 Datasheet
32Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com