Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDA060W-2A0B Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA060W-2A0B
Description  60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA060W-2A0B Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA060W-2A0B Datasheet HTML 1Page - Phihong USA Inc. PDA060W-2A0B Datasheet HTML 2Page - Phihong USA Inc. PDA060W-2A0B Datasheet HTML 3Page - Phihong USA Inc. PDA060W-2A0B Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDA060W Specifications
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90VAC to 305VAC
AC Input Voltage Rating
120VAC to 277VAC
AC Input Frequency
47~63Hz
Maximum Input Current
≤ 0.9A
Leakage Current
250μA maximum
Power Factor
≥ 0.9
THD
Less than 20%
OUTPUT:
Efficiency
Model
Typical Efficiency
PDA060W-700B
91%
PDA060W-1A0B
91%
PDA060W-1A4B
91%
PDA060W-1A6B
91%
PDA060W-2A0B
91%
Dimming Function:
Resistance or 0-10VDC dimming
(See Characteristics below)
Resistor must be placed between Dim+ and Dim- for operation.
See following page for dimming table.
Environmental:
Temperature
Operation
-40 to +50°C
Non-operation
-40 to +80°C
Operating Humidity
20 to 95%
EMC
FCC 47 Part 18 Class B
Immunity
IEC61000-4-2
IEC61000-4-4
IEC61000-4-5
IEC61000-4-11
Dielectric Withstand (Hi-pot) Test
Primary to secondary: 3000VAC for 1 minute, 10mA
Insulation Resistance
Primary to secondary: >10M Ohm 500VDC, 1 Minute
FEATURES:
Short-Circuit Protection
The PSU will withstand a short circuit across the
outputs without damage
Input Over Current Protection
The input power line will be fused with a 2A/300V fuse
Output Over-voltage Protection
Auto shutdown
Input / Output Connections
Position
Terminal Color
Specification
Input
Black
AWG16 Solid Wire
White
AWG16 Solid Wire
Output
Red
AWG18 Solid Wire
Blue
AWG18 Solid Wire
Dim+
Purple
AWG20 Solid Wire
Dim-
Grey
AWG20 Solid Wire
Warranty
5 Years


Similar Part No. - PDA060W-2A0B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA060B-1A0B PHIHONG-PDA060B-1A0B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-1A4B PHIHONG-PDA060B-1A4B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-1A6B PHIHONG-PDA060B-1A6B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA060B-2A0B PHIHONG-PDA060B-2A0B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results

Similar Description - PDA060W-2A0B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
   40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Phihong USA Inc.
PDA075W-T700G PHIHONG-PDA075W-T700G Datasheet
167Kb / 4P
   75W LED Driver with 3 Channel Constant Current Outputs 0-10V Dimming LED Power Supply
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com