Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC21152AULTRC Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC21152AULTRC
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152AULTRC Datasheet(HTML) 5 Page - Semtech Corporation

  SC21152AULTRC Datasheet HTML 1Page - Semtech Corporation SC21152AULTRC Datasheet HTML 2Page - Semtech Corporation SC21152AULTRC Datasheet HTML 3Page - Semtech Corporation SC21152AULTRC Datasheet HTML 4Page - Semtech Corporation SC21152AULTRC Datasheet HTML 5Page - Semtech Corporation SC21152AULTRC Datasheet HTML 6Page - Semtech Corporation SC21152AULTRC Datasheet HTML 7Page - Semtech Corporation SC21152AULTRC Datasheet HTML 8Page - Semtech Corporation SC21152AULTRC Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC21152
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Good Output(1)
PG Low Voltage
VLOpg
IPG = 5mA
0.4
V
PG Open Leakage Current
IOHpg
VPG = VIN
1
μA
Power Good Threshold
PGth
FB rising edge, percentage of FB final value
95
%
Power Good Threshold Hysteresis
PGthhy
percentage of FB final value
(rising to falling edge)
3
%
Power Good Assert Time
PGtdr
from FB = Power Good Threshold
to PG open drain
75
μs
Power Good Deassert Time
PGtdf
from falling edge of FB
to PG pulled to GND
13
μs
Notes:
(1) The SC21152 can be configured with a range of options as shown. Contact Semtech Marketing for more information.
VOUT options: adjustable or fixed output voltage.
For fixed VOUT, the voltage can be specified from 0.8V to 3.6V in 50mV increments.
Soft Start options: Fixed 100μs with options of 200μs, 400μs, and 800μs.
Frequency options: Operating frequency is 4MHz with options of 2.2MHz, 3MHz, or 6MHz.
Output Discharge options: VOUT Automatic Discharge or No Discharge.


Similar Part No. - SC21152AULTRC

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
SC21152 GENNUM-SC21152 Datasheet
1Mb / 18P
   Adaptive On-Time architecture
More results

Similar Description - SC21152AULTRC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
   Tiny 1.2A Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Microchip Technology
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
Micrel Semiconductor
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
   4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
   4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com